Nombre de pieza
         Descripción
74LVCH1T45GM

 Dual supply translating transceiver; 3-state ( 30 Page)


PHILIPS
100% 
Zoom Out Zoom In
 
 3 page
background image
74LVC_LVCH1T45_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 January 2010
3 of 30
NXP Semiconductors
74LVC1T45; 74LVCH1T45
Dual supply translating transceiver; 3-state
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 1.
Logic symbol
Fig 2.
Logic diagram
001aag885
VCC(B)
VCC(A)
5
DIR
3
A
B
4
001aag886
VCC(B)
VCC(A)
DIR
A
B
Fig 3.
Pin configuration SOT363
(SC-88)
Fig 4.
Pin configuration SOT886
(XSON6)
Fig 5.
Pin configuration SOT891
74LVC1T45
74LVCH1T45
VCC(A)
VCC(B)
GND
AB
001aaj991
1
2
3
6
DIR
5
4
74LVC1T45
74LVCH1T45
GND
001aaj992
VCC(A)
A
DIR
VCC(B)
B
Transparent top view
2
3
1
5
4
6
74LVC1T45
74LVCH1T45
GND
001aaj993
VCC(A)
A
DIR
VCC(B)
B
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
VCC(A)
1
supply voltage port A and DIR
GND
2
ground (0 V)
A
3
data input or output
B
4
data input or output
DIR
5
direction control
VCC(B)
6
supply voltage port B
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl