Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE705151BM+ Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

No. de pieza ACE705151BM+
Descripción Electrónicos  High efficiency, Low supply current, step-up DC/DC Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE705151BM+ Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE705151BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE705151BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE705151BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE705151BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE705151BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE705151BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE705151BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE705151BM+ Datasheet HTML 9Page - ACE Technology Co., LTD. ACE705151BM+ Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
 
                                                                                                                      
ACE705
                        Technology
High efficiency, multi-funtion step-up
DC/DC Controller
VER 1.2
6
Selection of the External Components
Thus it can be seen, the inductor, schottky diode and external NMOSFET or NPN transistor.
affect the conversion efficiency greatly. The inductor and the capacitor also have great influence
on the output voltage ripple of the converter. So it is necessary to choose a suitable inductor, a
capacitor, an external NMOSFET or NPN transistor and a right schottky diode, to obtain high
efficiency and low ripple.
Before discussion,we define D≣Vout-Vin / Vout
(1)Inductor Selection
Above all, we should define the minimum value of the inductor that can ensure the boost DC-DC to
operate in the continuous current-mode condition.
Lmin≧D(1-D)2RL / 2f
The above expression is got under conditions of continuous current mode, neglect Schottky diode’s
voltage, ESR of both inductor and capacitor. The actual value is greater that it. If inductor’s value is less
than Lmin,the efficiency of DC-DC converter will drop greatly, and the DC-DC circuit will not be stable.
Secondly, consider the ripple of the output voltage,
Δ
I=D‧Vin / Lf
Im ax=Vin / (1-D)2RL + DVin / 2Lf
If inductor value is too small, the current ripple through it will be great. Then the current through diode
and power switch will be great. Because the power switch on chip is not ideal switch, the energy of switch
will improve. The efficiency will fall.
Thirdly,in general, smaller inductor values supply more output current while larger values start up with
lower input voltage and acquire high efficiency.
An inductor value of 3uH to 1mH works well in most applications. If DC-DC converter delivers large
output current (for example: output current is great than 50mA), large inductor value is recommended in
order to improve efficiency. If DC-DC must output very large current at low input supply voltage, small
inductor value is recommended.
The ESR of inductor will effect efficiency greatly. Suppose ESR value of inductor is rL,Rload is load
resistor,then the energy can be calculated by following expression:
Δη≈ RL / Rload (1-D)
2
For example: input 1.5V, output is 3.0V, Rload=20Ω, rL=0.5Ω, The energy loss is 10%.
Consider all above,inductor value of 47uH、ESR<0.5Ω is recommended in most applications. Large
value is recommended in high efficiency applications and smaller value is recommended


Número de pieza similar - ACE705151BM+

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ACE Technology Co., LTD...
ACE705125BM+H ACE-ACE705125BM+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705125BN+H ACE-ACE705125BN+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705130BM+H ACE-ACE705130BM+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705130BN+H ACE-ACE705130BN+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705160BM+H ACE-ACE705160BM+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
More results

Descripción similar - ACE705151BM+

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1630A AIC-AIC1630A Datasheet
181Kb / 9P
   HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com