Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ACE701460BN+ Datasheet(PDF) 3 Page - ACE Technology Co., LTD. |
|
ACE701460BN+ Datasheet(HTML) 3 Page - ACE Technology Co., LTD. |
3 / 13 page ACE701 Technology PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise VER 1.2 3 Block Diagram ACE701 Recommended Work Conditions Item Min Nom Max Unit Input Voltage Range 0.8 Vout V Inductor 10 27 100 μH Input capacitor 0 ≧ 10 μF Output capacitor 47 100 220 μF Operating junction temperature -20 85 ℃ *Suggestion: Use tantalum capacitor to reduce the ripple of the output voltage. Electrical Characteristics Parameter Symbol Test Conditions Min Typ Max Unit 2.45 2.5 2.55 2.646 2.7 2.754 2.94 3.0 3.06 3.234 3.3 3.366 3.528 3.6 3.672 3.92 4.0 4.08 4.9 5.0 5.1 Output Voltage Vout 5.88 6.0 6.12 V Input Voltage Vin 12 V Input Current Lin Iout=0mA, Vin=Vout*0.6 12 15 uA Start-up voltage Vstart Iout=1mA, Vin:0 2V 0.8 0.9 V Hold-on voltage Vhold Iout=1mA, Vin:2 0V 0.6 0.7 V Quiescent current drawn from power source IDD Without external components, Vout=Vout x 1.05 4 7 uA Switch ON Resistance Rswon 0.4 0.5 Ω |
Número de pieza similar - ACE701460BN+ |
|
Descripción similar - ACE701460BN+ |