Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE701458BM+ Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

No. de pieza ACE701458BM+
Descripción Electrónicos  PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701458BM+ Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE701458BM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701458BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701458BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701458BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701458BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701458BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701458BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701458BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701458BM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
 
                                                                                                                      
ACE701
                        Technology PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
5
High-gain differential error amplifier guarantees stable output voltage at difference input voltage
and load. In order to reduce ripple and noise, the error amplifier is designed with high band-with.
Though at very low load condition, the quiescent current of chip do effect efficiency certainly. The four
main energy loss of Boost structure DC-DC converter in full load are the ESR of inductor, the voltage of
Schottky diode, on resistor of internal N-channel MOSFET and its driver. In order to improve the efficiency,
ACE701 integrates low on-resistor N-channel MOSFET and well design driver circuits. The switch energy
loss is limited at very low level.
Selection of the External Components
Thus it can be seen, the inductor and schottky diode affect the conversion efficiency greatly. The
inductor and the capacitor also have great influence on the output voltage ripple of the converter. So it is
necessary to choose a suitable inductor, a capacitor and a right schottky diode, to obtain high efficiency,
low ripple and low noise.
Before discussion,we define D≣Vout-Vin / Vout
(1)Inductor Selection
Above all, we should define the minimum value of the inductor that can ensure the boost DC-DC to
operate in the continuous current-mode condition.
Lmin≧D(1-D)2RL / 2f
The above expression is got under conditions of continuous current mode, neglect Schottky diode’s
voltage, ESR of both inductor and capacitor. The actual value is greater that it. If inductor’s value is less
than Lmin,the efficiency of DC-DC converter will drop greatly, and the DC-DC circuit will not be stable.
Secondly, consider the ripple of the output voltage,
Δ
I=D‧Vin / Lf
Im ax=Vin / (1-D)2RL + DVin / 2Lf
If inductor value is too small, the current ripple through it will be great. Then the current through diode
and power switch will be great. Because the power switch on chip is not ideal switch, the energy of switch
will improve. The efficiency will fall.
Thirdly,in general, smaller inductor values supply more output current while larger values start up with
lower input voltage and acquire high efficiency.
An inductor value of 3uH to 1mH works well in most applications. If DC-DC converter delivers large
output current (for example: output current is great than 50mA), large inductor value is recommended in
order to improve efficiency. If DC-DC must output very large current at low input supply voltage, small
inductor value is recommended.
The ESR of inductor will effect efficiency greatly. Suppose ESR value of inductor is rL,Rload is load
resistor,then the energy can be calculated by following expression:
Δη≈ RL / Rload (1-D)
2


Número de pieza similar - ACE701458BM+

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ACE Technology Co., LTD...
ACE701425AM+H ACE-ACE701425AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701425BN+H ACE-ACE701425BN+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701430AM+H ACE-ACE701430AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701430BN+H ACE-ACE701430BN+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701460AM+H ACE-ACE701460AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
More results

Descripción similar - ACE701458BM+

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
Guangdong Kexin Industr...
KX8530 KEXIN-KX8530 Datasheet
404Kb / 7P
   PFM Step-up DC/DC Converter With High Efficiency And Low Noise
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
   PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com