Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1751T Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza TEA1751T
Descripción Electrónicos  GreenChip III SMPS control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1751T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA1751T Datasheet HTML 4Page - NXP Semiconductors TEA1751T Datasheet HTML 5Page - NXP Semiconductors TEA1751T Datasheet HTML 6Page - NXP Semiconductors TEA1751T Datasheet HTML 7Page - NXP Semiconductors TEA1751T Datasheet HTML 8Page - NXP Semiconductors TEA1751T Datasheet HTML 9Page - NXP Semiconductors TEA1751T Datasheet HTML 10Page - NXP Semiconductors TEA1751T Datasheet HTML 11Page - NXP Semiconductors TEA1751T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TEA1751T_LT_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 23 December 2009
8 of 29
NXP Semiconductors
TEA1751T; TEA1751LT
GreenChip III SMPS control IC
7.1.4 Fast latch reset
In a typical application the mains can be interrupted briefly to reset the latched protection.
The PFC bus capacitor, Cbus, does not have to discharge for this latched protection to
reset.
Typically the PFC bus capacitor, Cbus, has to discharge for the VCC to drop to this reset
level. When the latched protection is set, the clamping circuit of the VINSENSE circuit is
disabled. (see also Section 7.2.9) As soon as the VINSENSE voltage drops below
750 mV (typical) and after that is raised to 870 mV (typical), the latched protection is reset.
The latched protection is also reset by removing both the voltage on pin VCC and on
pin HV.
7.1.5 Overtemperature protection
An accurate internal temperature protection is provided in the circuit. When the junction
temperature exceeds the thermal shutdown temperature, the IC stops switching. As long
as OTP is active, the capacitor CVCC is not recharged from the HV mains. The OTP circuit
is supplied from the HV pin if the VCC supply voltage is not sufficient.
OTP is a latched protection. It can be reset by removing both the voltage on pin VCC and
on pin HV or by the fast latch reset function. (See Section 7.1.4)
7.2 Power factor correction circuit
The power factor correction circuit operates in quasi-resonant or discontinuous
conduction mode with valley switching. The next primary stroke is only started when the
previous secondary stroke has ended and the voltage across the PFC MOSFET has
reached a minimum value. The voltage on the PFCAUX pin is used to detect transformer
demagnetization and the minimum voltage across the external PFC MOSFET switch.
7.2.1 ton control
The power factor correction circuit is operated in ton control. The resulting mains harmonic
reduction of a typical application is well within the class-D requirements.
7.2.2 Valley switching and demagnetization (PFCAUX pin)
The PFC MOSFET is switched on after the transformer is demagnetized. Internal circuitry
connected to the PFCAUX pin detects the end of the secondary stroke. It also detects the
voltage across the PFC MOSFET. The next stroke is started when the voltage across the
PFC MOSFET is at its minimum in order to reduce switching losses and ElectroMagnetic
Interference (EMI) (valley switching).
If no demagnetization signal is detected on the PFCAUX pin, the controller generates a
zero current signal (ZCS), 50
μs (typical) after the last PFCGATE signal.
If no valley signal is detected on the PFCAUX pin, the controller generates a valley signal
4
μs (typical) after demagnetization was detected.
To protect the internal circuitry during lightning events, for example, it is advisable to add a
5k
Ω series resistor to this pin. To prevent incorrect switching due to external disturbance,
the resistor should be placed close to the IC on the printed-circuit board.


Número de pieza similar - TEA1751T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1751T NXP-TEA1751T Datasheet
273Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-10 January 2013
TEA1751T NXP-TEA1751T_V01 Datasheet
273Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-10 January 2013
More results

Descripción similar - TEA1751T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1750 NXP-TEA1750 Datasheet
163Kb / 29P
   GreenChip III SMPS control IC
Rev. 02-15 December 2008
TEA1752T NXP-TEA1752T Datasheet
818Kb / 34P
   GreenChip III SMPS control IC
Rev. 02-24 June 2010
TEA1733T NXP-TEA1733T_10 Datasheet
185Kb / 20P
   GreenChip III SMPS control IC
Rev. 02-26 March 2010
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com