Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2028D1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA2028D1
Descripción Electrónicos  3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA2028D1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA2028D1 Datasheet HTML 3Page - Texas Instruments TPA2028D1 Datasheet HTML 4Page - Texas Instruments TPA2028D1 Datasheet HTML 5Page - Texas Instruments TPA2028D1 Datasheet HTML 6Page - Texas Instruments TPA2028D1 Datasheet HTML 7Page - Texas Instruments TPA2028D1 Datasheet HTML 8Page - Texas Instruments TPA2028D1 Datasheet HTML 9Page - Texas Instruments TPA2028D1 Datasheet HTML 10Page - Texas Instruments TPA2028D1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
TPA2028D1
www.ti.com
SLOS660 – JANUARY 2010
TYPICAL CHARACTERISTICS
with C(DECOUPLE) = 1 mF, CI = 1 µF.
All THD + N graphs are taken with outputs out of phase (unless otherwise noted).
Table of Graphs
FIGURE
Quiescent supply current
vs Supply voltage
Figure 3
Supply current
vs Supply voltage in shutdown
Figure 4
vs Input level with limiter enabled
Figure 5
vs Input level with 2:1 compression
Figure 6
Output level
vs Input level with 4:1 compression
Figure 7
vs Input level with 8:1 compression
Figure 8
vs Input level
Figure 9
Supply ripple rejection ratio
vs Frequency
Figure 10
vs Frequency [RL = 8 Ω, VDD = 3.6 V]
Figure 11
vs Frequency [RL = 4 Ω, VDD = 3.6 V]
Figure 12
Total harmonic distortion + noise
vs Frequency [RL = 8 Ω, VDD = 5 V]
Figure 13
vs Frequency [RL = 4 Ω, VDD = 5 V]
Figure 14
vs Output power [RL = 8 Ω]
Figure 15
Total harmonic distortion + noise
vs Output power [RL = 4 Ω]
Figure 16
vs Output power [per channel, RL = 8 Ω]
Figure 17
Efficiency
vs Output power [per channel, RL = 4 Ω]
Figure 18
vs Output power [RL = 8 Ω]
Figure 19
Power dissipation
vs Output power [RL = 4 Ω]
Figure 20
vs Output power [RL = 8 Ω]
Figure 21
Supply current
vs Output power [RL = 4 Ω]
Figure 22
vs Supply voltage [RL = 8 Ω]
Figure 23
Output power
vs Supply voltage [RL = 4 Ω]
Figure 24
Shutdown gain ramp comparison, TPA2028D1 vs TPA2018D1
Figure 25
Startup gain ramp comparison, TPA2028D1 vs TPA2018D1
Figure 26
Startup time
Figure 27
Copyright © 2010, Texas Instruments Incorporated
7
Product Folder Link(s): TPA2028D1


Número de pieza similar - TPA2028D1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2028D1YZFR TI-TPA2028D1YZFR Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
More results

Descripción similar - TPA2028D1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com