Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF1608F Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

No. de pieza UF1608F
Descripción Electrónicos  ISOLATION ULTRAFAST SWITCHING RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Página de inicio  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

UF1608F Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  UF1608F Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. UF1608F Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
Exceeds environmental standards of MIL-
S-19500/228.
Low power loss, high efficiency.
Low forward voltage, high current capability.
High surge capacity.
Ultra fast recovery times, high voltage.
MECHANICAL DATA
Case: ITO-220AB full molded plastic package
Terminals: Lead solderable per
MIL-STD-202, Method 208
Polarity: As marked.
Mounting position: Any
Weight: 0.08 ounces, 2.24 grams.
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
-50 TO 800 VOLTS
CURRENT
-16.0 Amperes
Maximum Recurrent Peak Reverse Voltage
TYPY NUMBER
Maximum RMS Voltage
Maximum DC Blocking Voltage
UF1600F UF1601F UF1602F UF1603F UF1604F UF1606F UF1608F
UNITS
50
100
200
300
400
600
800
V
V
V
V
35
70
140
210
280
420
560
50
100
200
300
400
600
800
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, reistive or inductive load.
For capacitive load, derate current by 20%.
Typical Junction Capacitance (Note 2)
Maximum Reverse Recovery Time (Note 1)
Maximum Instantaneous Forward Voltage at 8.0A
Typical Junction Resistance (Note 3) R JA
Operating and Storage Temperature Range Tj, TSTG
Peak Forward Surge Current,
8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Average Forward Rectified Current
0
.375"(9.5mm) lead length
@ TC=100 C
0
Maximum D.C Reverse Current
@ TA= 25 C
0
at Rated D.C Blocking Voltage
@ TA=125 C
0C
0C / W
A
pF
Ns
A
10
500
-50 to +150
30
170
130
50
100
16
1.0
1.3
1.7
125
Notes : 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0V D.C.
3. Thermal resistance from junction to ambient and from junction to lead length 0.375" (9.5mm) P.C.B. Mounted.
A
A
UF1600F thru UF1608F
ISOLATION ULTRAFAST
SWITCHING RECTIFIERS
ISOLATION ULTRAFAST
SWITCHING RECTIFIERS
ITO-220AB


Número de pieza similar - UF1608F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
UF1608FCT PANJIT-UF1608FCT Datasheet
56Kb / 2P
   ISOLATION ULTRAFST SWITCHING RECTIFIER(VOLTAGE- 50 to 800 Volts CURRENT - 16.0 Amperes)
logo
Won-Top Electronics
UF1608FCT WTE-UF1608FCT Datasheet
49Kb / 3P
   16A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1608FCT WTE-UF1608FCT Datasheet
60Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1608FCT PANJIT-UF1608FCT Datasheet
45Kb / 2P
   ISOLATION ULTRAFAST RECOVERY RECTIFIERS
logo
Yea Shin Technology Co....
UF1608FCT YEASHIN-UF1608FCT Datasheet
41Kb / 2P
   ISOLATION UL TRAFAST RECOVERY RECTIFIERS 50 to 800 Volts 16 AmperesCURRENT
More results

Descripción similar - UF1608F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CHENG-YI ELECTRONIC CO....
UF800F CHENG-YI-UF800F Datasheet
171Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIERS
logo
Pan Jit International I...
UF1600FCT PANJIT-UF1600FCT_03 Datasheet
45Kb / 2P
   ISOLATION ULTRAFAST RECOVERY RECTIFIERS
UF800F PANJIT-UF800F_05 Datasheet
430Kb / 2P
   ISOLATION ULTRAFAST RECOCVEY RECTIFIERS
UF1000F PANJIT-UF1000F_04 Datasheet
78Kb / 2P
   ISOLATION ULTRAFAST RECOVERY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF1000F CHENG-YI-UF1000F Datasheet
181Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
UF1600 CHENG-YI-UF1600 Datasheet
170Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
UF800 CHENG-YI-UF800 Datasheet
160Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
UF1000 CHENG-YI-UF1000 Datasheet
170Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
logo
Diotec Semiconductor
UF600A DIOTEC-UF600A Datasheet
154Kb / 2P
   Ultrafast Switching Si-Rectifiers
UF5400 DIOTEC-UF5400 Datasheet
153Kb / 2P
   Ultrafast Switching Si-Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com