Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM9008 Datasheet(PDF) 10 Page - Davicom Semiconductor, Inc.

No. de pieza DM9008
Descripción Electrónicos  ISA/Plug & Play Super Ethernet Contoller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DAVICOM [Davicom Semiconductor, Inc.]
Página de inicio  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9008 Datasheet(HTML) 10 Page - Davicom Semiconductor, Inc.

Back Button DM9008 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9008 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9008 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9008 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9008 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9008 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9008 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9008 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9008 Datasheet HTML 14Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
10
Final
Version: DM9008-DS-F02
November 30, 2000
Register Descriptions
Configuration Register A (CRA)
Configuration Register A can be read at address 0AH in Page 0 of ENC, and can be written by following a read to address 0AH with a
write to address 0AH. If address 0AH is written without a previous read to 0AH, the write will be regarded as a write to register RBCR0
of ENC.
7
6
5
4
3
2
1
0
FREAD
INT2
INT1
INT0
IOAD3
IOAD2
IOAD1
IOAD0
Bit
Symbol
Description
0 - 3
IOAD0
IOAD1
IOAD2
IOAD3
I/O Address: These three bits determine the base I/O address of DM9008 within the PC
system's I/O map
bit3
bit2
bit1
bit0
I/O base
0
0
0
0
300H
0
0
0
1
320H
0
0
1
0
340H
0
0
1
1
360H
0
1
0
0
380H
0
1
0
1
3A0H
0
1
1
0
3C0H
0
1
1
1
3E0H
bit3
bit2
bit1
bit0
I/O base
1
0
0
0
200H
1
0
0
1
220H
1
0
1
0
240H
1
0
1
1
260H
1
1
0
0
280H
1
1
0
1
2A0H
1
1
1
0
2C0H
1
1
1
1
2E0H
4 - 6
INT0
INT1
INT2
Interrupt Pin Mapping: Only one interrupt output pin will be driven active when a valid
interrupt condition occurs
bit5
bit4
bit3
Interrupt
0
0
0
IRQ3
0
0
1
IRQ4
0
1
0
IRQ5
0
1
1
IRQ9
1
0
0
IRQ10
1
0
1
IRQ11
1
1
0
IRQ12
1
1
1
IRQ15
7
FREAD
Fast Read: In the remote DMA read mode. When this bit is set high, the DM9008 will begin
the next port fetch before the current IOR is completed


Número de pieza similar - DM9008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
DM9008 ETC-DM9008 Datasheet
403Kb / 68P
   ISA/Plug & Play Super Ethernet Contoller
logo
Pulse A Technitrol Comp...
DM9008 PULSE-DM9008 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Davicom Semiconductor, ...
DM9008AEP DAVICOM-DM9008AEP Datasheet
1Mb / 50P
   Ethernet Controller with General Processor Interface
DM9008AEP DAVICOM-DM9008AEP Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008AEP DAVICOM-DM9008AEP_06 Datasheet
1Mb / 50P
   Ethernet Controller with General Processor Interface
More results

Descripción similar - DM9008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
DM9008 ETC-DM9008 Datasheet
403Kb / 68P
   ISA/Plug & Play Super Ethernet Contoller
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
   ISA/Plug & Play Super Ethernet Controller
logo
Cirrus Logic
CS8920A CIRRUS-CS8920A Datasheet
1Mb / 144P
   CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
logo
Fairchild Semiconductor
NM95MS18 FAIRCHILD-NM95MS18 Datasheet
151Kb / 12P
   Plug & Play Front-end device for ISA-Bus Systems
NM95MS16 FAIRCHILD-NM95MS16 Datasheet
138Kb / 10P
   Plug and Play Front-End Devices for ISA-BUS Systems
logo
National Semiconductor ...
NM95MS15 NSC-NM95MS15 Datasheet
171Kb / 10P
   Plug and Play Front-End Device for ISA-Bus Systems
NM95MS14 NSC-NM95MS14 Datasheet
162Kb / 8P
   Plug n Play Front-End Devices for ISA-Bus Systems
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A Datasheet
1Mb / 128P
   Crystal LAN ??ISA Ethernet Controller
CS8900A CIRRUS-CS8900A_07 Datasheet
2Mb / 138P
   Crystal LAN ??ISA Ethernet Controller
logo
Advanced Micro Devices
AM79C961 AMD-AM79C961 Datasheet
1Mb / 173P
   PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com