Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC54VC4302EZB Datasheet(PDF) 7 Page - Microchip Technology |
|
TC54VC4302EZB Datasheet(HTML) 7 Page - Microchip Technology |
7 / 16 page © 2007 Microchip Technology Inc. DS21434H-page 7 TC54 5.0 PACKAGING INFORMATION 5.1 Package Marking Information ) Symbol Output Voltage BCMOS 1. CCMOS 2. DCMOS 3. ECMOS 4. FCMOS 5. HCMOS 6. ICMOS 7. Symbol Output Voltage LNch 1. MNch 2. NNch 3. PNch 4. RNch 5. SNch 6. TNch 7. Symbol Voltage Symbol Voltage 0.06 .6 1.17 .7 2.28 .8 3.39 .9 4.4 5.5 3-Pin SOT-23A 3-Pin SOT-89 1 1 2 2 4 3 4 3 1 represents output configuration (CMOS or Nch) and first integer of voltage Ex: CMOS 3.x = D 2 represents first decimal of output voltage (0-9) Ex: CMOS 3.x = D 4 4 3 represents assembly lot code & Symbol Output CCMOS N N-Channel Symbol Voltage 22. 33. 44. 55. 66. Symbol Voltage Symbol Voltage 0.0 5 .5 1.1 6 .6 2.2 7 .7 3.3 8 .8 4.4 9 .9 Symbol Delay Time 0 No Delay Symbol Accuracy 1 ±1.0% (custom) 2 ±2.0% (standard) 3-Pin TO-92 8 4 7 3 6 2 5 1 = 54X (fixed) 1 , 2 , & 3 4 represents output configuration (CMOS or Nch) Ex: CMOS 3.x = C 5 represents first integer of detect voltage 6 represents first decimal of detect voltage 7 represents the output Delay Time represents the device accuracy 8 |
Número de pieza similar - TC54VC4302EZB |
|
Descripción similar - TC54VC4302EZB |