Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM9161AEP Datasheet(PDF) 10 Page - Davicom Semiconductor, Inc.

No. de pieza DM9161AEP
Descripción Electrónicos  10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DAVICOM [Davicom Semiconductor, Inc.]
Página de inicio  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161AEP Datasheet(HTML) 10 Page - Davicom Semiconductor, Inc.

Back Button DM9161AEP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9161AEP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9161AEP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9161AEP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9161AEP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9161AEP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9161AEP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9161AEP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9161AEP Datasheet HTML 14Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
DM9161A
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
Final
10
Version: DM9161A-DS-F01
October 16, 2009
5.8 Pin Maps of Normal MII, Reduced MII, and 10Base-T GPSI (7-Wired) Mode
Normal MII Mode
Reduced MII Mode
10Base-T GPSI (7-Wired) Mode
TXD [0:1]
TXD [0:1]
TXD [0] ; TXD [1] = NC
TXD [2:3]
NC
NC
TXEN
TXEN
TXEN
TXER/TXD [4]
NC
NC
TXCLK
NC
TXCLK
RXD [0:1]
RXD [0:1]
RXD [0] ; RXD [1] = NC
RXD[2:3]
NC
NC
RXER/RXD[4]/RPTR/NODE
RPTR/NODE
RPTR/NODE
RXDV
CRS DV
NC
RXCLK
NC
RXCLK
COL
NC
COL
CRS
(PHYADR [2:4])
(BP4B5B)
NC
CRS
MDC
MDC
MDC
MDIO
MDIO
MDIO
RESET#
RESET#
RESET#
XT1 (25 MHz)
XT2 (REF_CLK 50MHz)
XT1 (25 MHz)


Número de pieza similar - DM9161AEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Davicom Semiconductor, ...
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results

Descripción similar - DM9161AEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
   10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9163 DAVICOM-DM9163 Datasheet
187Kb / 7P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161B DAVICOM-DM9161B Datasheet
476Kb / 45P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com