Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES636 Datasheet(PDF) 5 Page - Cyrustek corporation

No. de pieza ES636
Descripción Electrónicos  True RMS-to-DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES636 Datasheet(HTML) 5 Page - Cyrustek corporation

  ES636 Datasheet HTML 1Page - Cyrustek corporation ES636 Datasheet HTML 2Page - Cyrustek corporation ES636 Datasheet HTML 3Page - Cyrustek corporation ES636 Datasheet HTML 4Page - Cyrustek corporation ES636 Datasheet HTML 5Page - Cyrustek corporation ES636 Datasheet HTML 6Page - Cyrustek corporation ES636 Datasheet HTML 7Page - Cyrustek corporation ES636 Datasheet HTML 8Page - Cyrustek corporation ES636 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
09/02/16
5
ES636
True RMS-to-DC Converters
Electrical Characteristics-ES636(continued)
(TA= +25℃, Vs = +3V, -Vs = -3V, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ERROR vs. CREST FACTOR
Crest Factor 1 to 2
Specified Accuracy
Crest Factor = 3
0.2
Additional Error
Crest Factor = 6
0.5
±% of
Reading
FREQUENCY RESPONSE (Note 2,4)
VIN =35mV
75
VIN=100mV
99
Bandwidth for 1% Additional
Error (0.09dB)
VIN =400mV
560
kHz
VIN =35mV
1.1
VIN =100mV
2.5
MHz
±3dB Bandwidth
VIN =400mV
6.5
MHz
INPUT CHARACTERISTICS
Continuous RMS, All Supplies
0 to 400
mVRMS
+3V, -5V Supplies
±2.8
±2.5V Supplies
±2
Input Signal range
Peak Transient
±5V Supplies
±5
VPK
Safe Input
All Supplies
±12
VPK
Input Resistance
5.33
6.7
8
Input Offset Voltage
±0.5
mV
OUTPUT CHARACTERISTICS (Note 1)
TA=+25℃
±0.5
mV
TA =TMIN to TMAX
±10
μV/℃
Offset Voltage
With Supply Voltage
±0.1
mV/V
+3V, -3V Supplies
0 to 2
Output Voltage Swing
±5V to ±10V Supplies
0 to 1
1.5
V
Output Resistance
8
10
12
dB OUTPUT
ERROR
3mV ≦ VIN ≦ 1V
±0.3
±0.5
dB
Scale Factor
-3
mV/dB
%/℃
Scale Factor Tempco
dB/℃
IREF
0dB=0.11VRMS
2
4
8
μA
IREF Range
1
50
μA
IOUT TERMINAL
IOUT Scale Factor
125
μA/VRMS
IOUT Scale Factor Tolerance
-20
±10
±20
%
Output Resistance
8
10
12
Voltage Compliance
-Vs to
(+Vs-2.0)
V
BUFFER AMPLIFIER
Input and Output Voltage
Range
-Vs to
(+Vs-2.0)
V
±0.8
±2
mV
Input Offset Voltage
Rs=10kΩ
Input Current
100
300
nA
Input Resistance
10
8
Ω
Source
+2
mA
Output Current
Sink
-130
μA
Short-Circuit Current
20
mA
Small-Signal Bandwidth
1
MHz
Slew Rate (Note 5)
3
V/μs


Número de pieza similar - ES636

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
More results

Descripción similar - ES636

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
   True RMS-to-DC Converters
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
   True RMS-to-DC Converters
ES7 CYRUSTEK-ES7 Datasheet
920Kb / 10P
   True RMS-to-DC Converters
logo
Maxim Integrated Produc...
MX536A MAXIM-MX536A Datasheet
123Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
MX536AJEWE MAXIM-MX536AJEWE Datasheet
149Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
   Integrated Circuit True RMS-to-DC Converter
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com