Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ES5136 Datasheet(PDF) 9 Page - Cyrustek corporation |
|
ES5136 Datasheet(HTML) 9 Page - Cyrustek corporation |
9 / 22 page ES5136 3 1/2 DIGIT A/D CONVERTER W/LCD(Low power) 9 DX、FUNCTION DESCRIPTION A、Analog Section The Analog Section of the ES5136 is a dual slope converter, which is shown in Figure 1. The conversion takes place in four distinct phases. 1.Phase 1, Auto Zero (A/Z) During auto zero processing, the internal A/Z switches are turned on. The errors in the analog components(offset voltage of buffer, integrator and comparator)will be automatically nulled out by shorting the input internally to COMMON and closing a feed back loop such that error information is stored on the auto-zero capacitor C AZ At the same time. the reference capacitor is charged to the reference voltage V REF. 2.Phase 2, Signal Integrate(INT) During signal integrating, the A/Z switches are opened and the INT switches are closed for 1,000 system clock pulses. The integrating capacitor will ramp up at a rate that is proportional to input voltage V IN. At the end of this phase the polarity of the integrated signal is determined. 3.Phase 3, Reference Deintegrate(DE) At the beginning of this phase, the input low is internally connected to COMMON and input high is switched from V IN to. VREF According to the polarity, the integrator will discharge back toward zero. The nuber of system clock pulses counted between the beginning of this cycle and the time when the integrator output passes through zero is a digital measure of the magnitude of input voltage. Specifically the digital reading displayed is 1000(V IN/VREF). |
Número de pieza similar - ES5136 |
|
Descripción similar - ES5136 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |