Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51960 Datasheet(PDF) 2 Page - Cyrustek corporation

No. de pieza ES51960
Descripción Electrónicos  3 3/4 Auto DMM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51960 Datasheet(HTML) 2 Page - Cyrustek corporation

  ES51960 Datasheet HTML 1Page - Cyrustek corporation ES51960 Datasheet HTML 2Page - Cyrustek corporation ES51960 Datasheet HTML 3Page - Cyrustek corporation ES51960 Datasheet HTML 4Page - Cyrustek corporation ES51960 Datasheet HTML 5Page - Cyrustek corporation ES51960 Datasheet HTML 6Page - Cyrustek corporation ES51960 Datasheet HTML 7Page - Cyrustek corporation ES51960 Datasheet HTML 8Page - Cyrustek corporation ES51960 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
92年8月4日
ES51960
3 3/4 Auto DMM
Electrical Characteristics
TA=25℃,V- = -3V
Symbol
Parameter
Test Condition
Min. Typ. Max. Count
V-
Power Supply
-3.5 -3.0 -2.2
Volt
Idd
Iss
Operating Supply Current
Normal Power On
Auto-power-off
-
-
1.0
5
1.5
10
mA
uA
REV
REB
Rollover Error
(Voltage)
Rollover Error
(Bargraph)
10M input
Resistor
-
-
-
-
±
0.1
±
0.5
F.S.
F.S.
NLV
NLB
Nonlinearity
(Voltage)
Nonlinearity
(Bargraph)
Best Case
Straight Line
-
-
-
-
±
0.1
±
0.5
F.S.
F.S.
Input Leakage
-
1
10
pA
Low Battery Flag Voltage
V- to AGND
-2.5 -2.3 -2.1
V
Zero Input Reading
10MΩInput Resistor
-000 000 +000 Count
VREF
Reference Voltage and 400Ω
measurement
100KΩ Between
VRH and AGND
-1.3 -1.2 -1.1
V
Peak to Peak Backplane Drive
Voltage
-3.2≦V-≦-2.2
2.85
3.0 3.15
V
Counter Time Base Period
fosc=4MHz
-
1
-
Sec
Open Circuit Voltage for Ω
Measurement(except 400Ω)
Ω
and Continuity
Function
-0.5 -0.45 -0.4
V
Pull High to 0V Resistance
FC1,FC2,FC3,FC4
FC5,RANGE,HOLD
MAX/MIN,BKLIT
REL
-
2.5
-
Pull High to 0V Resistance
KEY, SET, BUZIN
-
250
-
AC Frequency Response
(4V range)
±
1﹪Error
±
5﹪Error
-
-
40 to
500
40 to
2000
-
-
HZ
TCRF
Reference Voltage
Temperature Coefficient
100KΩBetween VRH
and AGND
0℃<TA<70℃
-50
-
ppm/℃


Número de pieza similar - ES51960

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
   3 3/4 MANU DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51962Q ETC-ES51962Q Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
More results

Descripción similar - ES51960

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
ES51989 CYRUSTEK-ES51989 Datasheet
1Mb / 22P
   3 3/4 PEAK AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com