Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51963 Datasheet(PDF) 5 Page - Cyrustek corporation

No. de pieza ES51963
Descripción Electrónicos  4 1/2 DMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51963 Datasheet(HTML) 5 Page - Cyrustek corporation

  ES51963 Datasheet HTML 1Page - Cyrustek corporation ES51963 Datasheet HTML 2Page - Cyrustek corporation ES51963 Datasheet HTML 3Page - Cyrustek corporation ES51963 Datasheet HTML 4Page - Cyrustek corporation ES51963 Datasheet HTML 5Page - Cyrustek corporation ES51963 Datasheet HTML 6Page - Cyrustek corporation ES51963 Datasheet HTML 7Page - Cyrustek corporation ES51963 Datasheet HTML 8Page - Cyrustek corporation ES51963 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2003/9/1
5
ES51963
4 1/2 DMM
Operation Mode
(1) Operation of ES51963 and the external microprocessor
ES51963 is a microprocessor based data acquisition ADC. ES51963 performs A-to-D
conversion and the microprocessor acquires the results via interface pins: SCLK, EOC and
STATUS. There are two formats for data acquisition. In format 1, ES51963 raises the logic
level of EOC to high during the integration phase (INT) and de-integration phase (DINT).
The microprocessor can acquire the conversion result by counting the time period as EOC is
high. And the microprocessor can obtain the operation status of ES51963 such as conversion
rate, buzzer frequency, sign bit, etc. from pin STATUS. The value of STATUS is read in
serial with clock pin, SCLK which is controlled by microprocessor.
In addition to counting the time period of EOC, ES51963 provides another way, the
format 2 to obtain the conversion result. In format 2 the conversion result is computed by
ES51963 itself and the microprocessor can obtain the output count from pin STATUS.
The decision to choose format 1 or format 2 depends on application. Format 2 is
simple for general application. On the other hand, a microprocessor must set up a timer to
estimate the duration of EOC in format 1. Thus the maximum count or resolution could be
changed by choosing the counting frequency of the timer. For example the maximum counts
of ES51963 operating in format 2 with 4 MHz operating clock is 22,000. The same
resolution is obtained in format 1 with timer counting period, 2 us/count. A higher
resolution, say 44,000 counts, could be achieved by speeding up the counting frequency
twice.
In addition to change operation format, ES51963 allow a user to change the
conversion rate, buzzer frequency on the fly. Their changing methods will be described in
following sections.
(2) Buzzer frequency
ES51963 provides buzzer output at pin BUZout. The pin BUZin (active high) is used
to control whether BUZout should output buzzer wave or not. The default buzzer frequency
is 2 KHz with 4 MHz operating frequency (crystal oscillator frequency at pins OSC1 and
OSC2).
ES51963 provides eight buzzer frequency selection options and the external micro-
processor can choose one frequency that is audible by setting the values of bits, B2, B1 and
B0 in the STATUS word used in communication between ES51963 and the external
microprocessor. The communication protocol will be described in detail in section (6). The


Número de pieza similar - ES51963

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
   3 3/4 MANU DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
More results

Descripción similar - ES51963

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51981 CYRUSTEK-ES51981_11 Datasheet
575Kb / 21P
   3 1/2 AUTO DMM
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
ES51982 CYRUSTEK-ES51982_11 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
   3 3/4 MANU DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
logo
Maxim Integrated Produc...
MAX134CMH MAXIM-MAX134CMH Datasheet
982Kb / 20P
   3 3/4 Digit DMM Circuit
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com