Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51983 Datasheet(PDF) 10 Page - Cyrustek corporation

No. de pieza ES51983
Descripción Electrónicos  3 3/4 AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51983 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES51983 Datasheet HTML 6Page - Cyrustek corporation ES51983 Datasheet HTML 7Page - Cyrustek corporation ES51983 Datasheet HTML 8Page - Cyrustek corporation ES51983 Datasheet HTML 9Page - Cyrustek corporation ES51983 Datasheet HTML 10Page - Cyrustek corporation ES51983 Datasheet HTML 11Page - Cyrustek corporation ES51983 Datasheet HTML 12Page - Cyrustek corporation ES51983 Datasheet HTML 13Page - Cyrustek corporation ES51983 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
08/09/09
10
ES51983
3 3/4 AUTO DMM
Ps. X means “don’t care”
When FC5 is LOW, KEY is disable. The corresponding measurement modes are list
below
SLACDC
FC1
FC2
FC3
FC4
Mode
0
1
0
1
1
AC Voltage Measurement
0
1
1
0
1
AC Current Measurement(µA)
0
1
1
1
1
AC Current Measurement(mA)
0
1
0
0
1
Manual AC Current Measurement(A)
0
0
0
0
0
Auto AC Current Measurement(A)
1
1
0
1
1
DC Voltage Measurement
1
1
1
0
1
DC Current Measurement(µA)
1
1
1
1
1
DC Current Measurement(mA)
1
1
0
0
1
Manual DC Current Measurement(A)
1
0
0
0
0
Auto DC Current Measurement(A)
X
0
0
1
1
Resistance Measurement
X
0
1
0
1
Resistance Measurement
X
0
0
0
1
Continuity Check
X
0
1
1
1
diode Measurement
X
0
0
1
0
Frequency Measurement
X
0
1
0
0
Temperature(℉)
Ps. X means “don’t care”
The other combinations of FC1, FC2, FC3, and FC4 are for ADP modes. In ADP modes
, if FC5 is LOW, the minus sign on the LCD panel will not be displayed. And if KEY pin
is floating, the buzzer beeps when the input signal is overflow. The ADP mode function
is summarized below.
FC1
FC2
FC3
FC4
Mode
1
1
1
0
ADP0
1
1
0
0
ADP1
1
0
0
0
ADP2
1
0
1
0
ADP3
Note: Temperature measurement mode takes input signal from ADP pin. In temperature
measurement mode, VBAR pin is used to control the right most digit point on the
LCD panel. When VBAR is LOW, this digit point is displayed.
3. Push function
3.1 HOLD
HOLD mode makes the meter stop updating the LCD panel. This mode can be nested in
most of the special modes. Enabling HOLD function in automatic mode makes the
meter switch to manual mode, but the full scale range remains the same. HOLD function


Número de pieza similar - ES51983

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51983 CYRUSTEK-ES51983 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
More results

Descripción similar - ES51983

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
ES51989 CYRUSTEK-ES51989 Datasheet
1Mb / 22P
   3 3/4 PEAK AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com