Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS8GF300 Datasheet(PDF) 7 Page - Transcend Information. Inc.

No. de pieza TS8GF300
Descripción Electrónicos  300X CompactFlash Card
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCEND [Transcend Information. Inc.]
Página de inicio  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GF300 Datasheet(HTML) 7 Page - Transcend Information. Inc.

Back Button TS8GF300 Datasheet HTML 3Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 4Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 5Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 6Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 7Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 8Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 9Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 10Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 11Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
T
T
TS
S
S2
2
2G
G
G~
~
~1
1
16
6
6G
G
GC
C
CF
F
F3
3
30
0
00
0
0
300X CompactFlash Card
Transcend Information Inc.
V1.1
7
Signal Name
Dir.
Pin
Description
-CE1, -CE2
(PC Card Memory Mode)
Card Enable
-CE1, -CE2
(PC Card I/O Mode)
Card Enable
-CS0, -CS1
(True IDE Mode)
I
7,32
These input signals are used both to select the card and to indicate to the card
whether a byte or a word operation is being performed. -CE2 always accesses
the odd byte of the word.-CE1 accesses the even byte or the Odd byte of the
word depending on A0 and -CE2. A multiplexing scheme based on A0,-CE1,
-CE2 allows 8 bit hosts to access all data on D0-D7. See Table 27, Table 29,
Table 31, Table 35, Table 36 and Table 37.
This signal is the same as the PC Card Memory Mode signal.
In the True IDE Mode, -CS0 is the address range select for the task file
registers while -CS1 is used to select the Alternate Status Register and the
Device Control Register.
While –DMACK is asserted, -CS0 and –CS1 shall be held negated and the
width of the transfers shall be 16 bits.
-CSEL
(PC Card Memory Mode)
-CSEL
(PC Card I/O Mode)
-CSEL
(True IDE Mode)
I
39
This signal is not used for this mode, but should be connected by the host to PC
Card A25 or grounded by the host.
This signal is not used for this mode, but should be connected by the host to PC
Card A25 or grounded by the host.
This internally pulled up signal is used to configure this device as a Master or a
Slave when configured in the True IDE Mode.
When this pin is grounded, this device is configured as a Master.
When the pin is open, this device is configured as a Slave.
D15 - D00
(PC Card Memory Mode)
D15 - D00
(PC Card I/O Mode)
D15 - D00
(True IDE Mode)
I/O
31,30,29,28,
27,49,48,47,
6,5,4,3,2,
23, 22, 21
These lines carry the Data, Commands and Status information between the host
and the controller. D00 is the LSB of the Even Byte of the Word. D08 is the LSB
of the Odd Byte of the Word.
This signal is the same as the PC Card Memory Mode signal.
In True IDE Mode, all Task File operations occur in byte mode on the low order
bus D[7:0] while all data transfers are 16 bit using D[15:0].
GND
(PC Card Memory Mode)
GND
(PC Card I/O Mode)
GND
(True IDE Mode)
--
1,50
Ground.
This signal is the same for all modes.
This signal is the same for all modes.


Número de pieza similar - TS8GF300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS8GCF100I TRANSCEND-TS8GCF100I Datasheet
3Mb / 80P
   Industrial CF Card
TS8GCF100I TRANSCEND-TS8GCF100I Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS8GCF100I-P TRANSCEND-TS8GCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS8GCF133 TRANSCEND-TS8GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
TS8GCF200I TRANSCEND-TS8GCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
More results

Descripción similar - TS8GF300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
   CompactFlash™ Card
2004-05-18
logo
Transcend Information. ...
TS1GCF133 TRANSCEND-TS1GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com