Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS16GF300 Datasheet(PDF) 10 Page - Transcend Information. Inc.

No. de pieza TS16GF300
Descripción Electrónicos  300X CompactFlash Card
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCEND [Transcend Information. Inc.]
Página de inicio  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GF300 Datasheet(HTML) 10 Page - Transcend Information. Inc.

Back Button TS16GF300 Datasheet HTML 6Page - Transcend Information. Inc. TS16GF300 Datasheet HTML 7Page - Transcend Information. Inc. TS16GF300 Datasheet HTML 8Page - Transcend Information. Inc. TS16GF300 Datasheet HTML 9Page - Transcend Information. Inc. TS16GF300 Datasheet HTML 10Page - Transcend Information. Inc. TS16GF300 Datasheet HTML 11Page - Transcend Information. Inc. TS16GF300 Datasheet HTML 12Page - Transcend Information. Inc. TS16GF300 Datasheet HTML 13Page - Transcend Information. Inc. TS16GF300 Datasheet HTML 14Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
T
T
TS
S
S2
2
2G
G
G~
~
~1
1
16
6
6G
G
GC
C
CF
F
F3
3
30
0
00
0
0
300X CompactFlash Card
Transcend Information Inc.
V1.1
10
Signal Name
Dir.
Pin
Description
-REG
(PC Card Memory Mode– Except
Ultra DMA Protocol Active)
Attribute Memory Select
-REG
(PC Card I/O Mode –Except Ultra
DMA Protocol Active)
This signal is used during Memory Cycles to distinguish between Common
Memory and Register (Attribute) Memory accesses. High for Common Memory,
Low for Attribute Memory.
In PC Card Memory Mode, when Ultra DMA Protocol is supported by the host
and the host has enabled Ultra DMA protocol on the card the, host shall keep the
-REG signal negated during the execution of any DMA Command by the device.
The signal shall also be active (low) during I/O Cycles when the I/O address is on
the Bus.
In PC Card I/O Mode, when Ultra DMA Protocol is supported by the host and the
host has enabled Ultra DMA protocol on the card the, host shall keep the -REG
signal asserted during the execution of any DMA Command by the device.
-DMACK
(PC Card Memory Mode when
Ultra DMA Protocol Active)
DMACK
(PC Card I/O Mode when Ultra
DMA Protocol Active)
-DMACK
(True IDE Mode)
I
44
This is a DMA Acknowledge signal that is asserted by the host in response to
(-)DMARQ to initiate DMA transfers.
In True IDE Mode, while DMA operations are not active, the card shall ignore the
(-)DMACK signal, including a floating condition.
If DMA operation is not supported by a True IDE Mode only host, this signal
should be driven high or connected to VCC by the host.
A host that does not support DMA mode and implements both PC Card and
True-IDE modes of operation need not alter the PC Card mode connections
while in True-IDE mode as long as this does not prevent proper operation all
modes.
RESET
(PC Card Memory Mode)
RESET
(PC Card I/O Mode)
-RESET
(True IDE Mode)
I
41
The CompactFlash Storage Card is Reset when the RESET pin is high with the
following important exception:
The host may leave the RESET pin open or keep it continually high from the
application of power without causing a continuous Reset of the card. Under
either of these conditions, the card shall emerge from power-up having
completed an initial Reset.
The CompactFlash Storage Card is also Reset when the Soft Reset bit in the
Card Configuration Option Register is set.
This signal is the same as the PC Card Memory Mode signal.
In the True IDE Mode, this input pin is the active low hardware reset from the
host.
VCC
(PC Card Memory Mode)
VCC
(PC Card I/O Mode)
VCC
(True IDE Mode)
--
13,38
+5 V, +3.3 V power.
This signal is the same for all modes.
This signal is the same for all modes.


Número de pieza similar - TS16GF300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS16GCF100I TRANSCEND-TS16GCF100I Datasheet
3Mb / 80P
   Industrial CF Card
TS16GCF100I TRANSCEND-TS16GCF100I Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS16GCF100I-P TRANSCEND-TS16GCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS16GCF133 TRANSCEND-TS16GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
TS16GCF200I TRANSCEND-TS16GCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
More results

Descripción similar - TS16GF300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
   CompactFlash™ Card
2004-05-18
logo
Transcend Information. ...
TS1GCF133 TRANSCEND-TS1GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com