Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB10150 Datasheet(PDF) 3 Page - Won-Top Electronics

No. de pieza SB10150
Descripción Electrónicos  10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB10150 Datasheet(HTML) 3 Page - Won-Top Electronics

  SB10150_08 Datasheet HTML 1Page - Won-Top Electronics SB10150_08 Datasheet HTML 2Page - Won-Top Electronics SB10150_08 Datasheet HTML 3Page - Won-Top Electronics SB10150_08 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SB10150 – SB10200
3 of 4
© 2008 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
525 x 31 x 6
50
555 x 145 x 95
2,000
572 x 306 x 218
8,000
19.0
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Note: 1. Anti-static tube, water clear color.
BULK
WTE
= Manufacturer’s Logo
SB10xx
= Device Number
xx
= 150 or 200
Polarity
= As Marked on Body
Plain Washer
Insulating Bushing
Rectifier
Insulator
Heatsink
Compression Washer
4-40 HEX Nut
Recommended isolated mounting when
screw is at heatsink potential. 4-40
hardware is used.
Screw should not be tightened with any
type of air-forced torque or equipment
that may cause high impact on device
package. The insulating bushing inside
the mounting hole will insure the screw
threads do not contact the metal base.
The interface should apply a layer of
thermal grease or a highly conductive
thermal pad for better heat dissipation.
4-40 PAN or HEX Head Screw
WTE
SB10xx


Número de pieza similar - SB10150_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SB10150CT WTE-SB10150CT Datasheet
47Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB10150CT PANJIT-SB10150CT Datasheet
427Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB10150CT PACELEADER-SB10150CT Datasheet
288Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB10150CT WTE-SB10150CT Datasheet
51Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB10150CT GULFSEMI-SB10150CT Datasheet
109Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
More results

Descripción similar - SB10150_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SB10150 WTE-SB10150 Datasheet
48Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150F WTE-SB10150F_08 Datasheet
67Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150F WTE-SB10150F Datasheet
49Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1070CT DIODES-MBR1070CT_1 Datasheet
73Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. 2 - 2
MBR1070CT DIODES-MBR1070CT Datasheet
64Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
logo
Won-Top Electronics
SB10150CT WTE-SB10150CT Datasheet
47Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150CT WTE-SB10150CT_08 Datasheet
51Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150FCT WTE-SB10150FCT Datasheet
48Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
TCMBR10100CT TAK_CHEONG-TCMBR10100CT Datasheet
107Kb / 2P
   10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
MBR10100CT TAK_CHEONG-MBR10100CT Datasheet
167Kb / 4P
   10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com