Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS2GSD150 Datasheet(PDF) 10 Page - Transcend Information. Inc.

No. de pieza TS2GSD150
Descripción Electrónicos  2GB 150x Secure Digital Card
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCEND [Transcend Information. Inc.]
Página de inicio  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GSD150 Datasheet(HTML) 10 Page - Transcend Information. Inc.

Back Button TS2GSD150 Datasheet HTML 6Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 7Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 8Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 9Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 10Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 11Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 12Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 13Page - Transcend Information. Inc. TS2GSD150 Datasheet HTML 14Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
T
T
TS
S
S2
2
2G
G
GS
S
SD
D
D1
1
15
5
50
0
0
2GB 150x Secure Digital Card
Transcend Information Inc.
10
[14]
1
Copy flag
COPY
0 b
Not copied
[13]
1
Permanent write protection
PERM_WRITE_PROTECT
0 b
Not protected
[12]
1
Temporary write protection
TMP_WRITE_PROTECT
0 b
Not protected
[11:10]
2
File format
FILE_FORMAT
00 b
HD like FAT
[9:8]
2
ECC code
ECC
00 b
None
[7:1]
7
CRC
CRC
---
---
[0]
1
Not used always `1
---
1 b
---
(*1) Support command class 0,2,4,5,6,7,8. Include : Basic, Block read/write, Erase, Write protection, application
command, and Lock card. Not support 1,3. Include : Stream read/write.
(*2)~(*4) This field is not a constant value. The value will be changed by different flash memory.
6. Extended CSD Register (EXT_CSD)
The Extended CSD register defines the card properties and selected modes. It is 512 bytes long.
The most significant 320 bytes are the Properties segment, which defines the card capabilities and cannot be
modified by the host. The lower 192 bytes are the Modes segment, which defines the configuration the card is
working in. These modes can be changed by the host by means of the SWITCH command.
7. SD card Configuration Register (SCR)
The CSD register is another configuration register in SD card. SCR provides on SD card s special features that were
configured into the given card. The size of SCR is 64 bit.
For SD card only. SCR is a read only register.


Número de pieza similar - TS2GSD150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TS2GSD150 ETC2-TS2GSD150 Datasheet
351Kb / 17P
   2GB 150x Secure Digital Card
More results

Descripción similar - TS2GSD150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TS2GSD150 ETC2-TS2GSD150 Datasheet
351Kb / 17P
   2GB 150x Secure Digital Card
logo
Transcend Information. ...
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
TS8GSDHC150 TRANSCEND-TS8GSDHC150 Datasheet
480Kb / 24P
   8GB 150X High Capacity Secure Digital Card
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
   Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
   Secure Digital Card
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
   Secure Digital Card
logo
List of Unclassifed Man...
AP-ISD256CS2A-1T ETC2-AP-ISD256CS2A-1T Datasheet
162Kb / 16P
   Industrial Secure Digital Card
logo
Tyco Electronics
2041021 MACOM-2041021 Datasheet
151Kb / 3P
   SECURE DIGITAL CARD CONNECTOR
logo
Adam Technologies, Inc.
SD-09-A-SG ADAM-TECH-SD-09-A-SG Datasheet
127Kb / 1P
   SECURE DIGITAL
logo
AVX Corporation
5638 AVX-5638 Datasheet
172Kb / 4P
   Secure Digital Memory Card Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com