Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS8GJFV90C Datasheet(PDF) 2 Page - Transcend Information. Inc.

No. de pieza TS8GJFV90C
Descripción Electrónicos  8GB USB2.0 JetFlash?줧90C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCEND [Transcend Information. Inc.]
Página de inicio  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GJFV90C Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS8GJFV90C Datasheet HTML 1Page - Transcend Information. Inc. TS8GJFV90C Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S8
8
8G
G
GJ
J
JF
F
FV
V
V9
9
90
0
0C
C
C
8GB USB2.0 JetFlash™V90C
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB differential signal
04
VSS
Ground
Specifications
Storage Capacity
8GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 30MB/sec (max.), Write: 8MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
oC, Non-Operating: -20oC-75oC
Certificates
CE, FCC, BSMI, KCC
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


Número de pieza similar - TS8GJFV90C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS8GJFV90P TRANSCEND-TS8GJFV90P Datasheet
45Kb / 2P
   8GB USB2.0 JetFlash?줧90P
More results

Descripción similar - TS8GJFV90C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS2GJFV90C TRANSCEND-TS2GJFV90C Datasheet
45Kb / 2P
   2GB USB2.0 JetFlash?줧90C
TS4GJFV90C TRANSCEND-TS4GJFV90C Datasheet
45Kb / 2P
   4GB USB2.0 JetFlash?줧90C
TS8GJF160 TRANSCEND-TS8GJF160 Datasheet
55Kb / 3P
   8GB USB2.0 JetFlash?
TS8GJFV15 TRANSCEND-TS8GJFV15 Datasheet
74Kb / 2P
   8GB USB2.0 JetFlash?줧15
TS8GJFV95D TRANSCEND-TS8GJFV95D Datasheet
44Kb / 2P
   8GB USB2.0 JetFlash?줧95D
TS8GJFV60 TRANSCEND-TS8GJFV60 Datasheet
49Kb / 2P
   8GB USB2.0 JetFlash?줧60
TS8GJFV20 TRANSCEND-TS8GJFV20 Datasheet
47Kb / 2P
   8GB USB2.0 JetFlash?줧20
TS8GJFV30 TRANSCEND-TS8GJFV30 Datasheet
53Kb / 2P
   8GB USB2.0 JetFlash?줧30
TS8GJFV85 TRANSCEND-TS8GJFV85 Datasheet
47Kb / 2P
   8GB USB2.0 JetFlash?줧85
TS8GJFV10 TRANSCEND-TS8GJFV10 Datasheet
73Kb / 2P
   8GB USB2.0 JetFlash?줧10
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com