Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS16GJFV85 Datasheet(PDF) 2 Page - Transcend Information. Inc.

No. de pieza TS16GJFV85
Descripción Electrónicos  16GB USB2.0 JetFlash?줧85
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCEND [Transcend Information. Inc.]
Página de inicio  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GJFV85 Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS16GJFV85 Datasheet HTML 1Page - Transcend Information. Inc. TS16GJFV85 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S1
1
16
6
6G
G
GJ
J
JF
F
FV
V
V8
8
85
5
5
16GB USB2.0 JetFlash™V85
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB differential signal
04
VSS
Ground
Specifications
Storage Capacity
16GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 18MB/sec (max.), Write: 9MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
oC, Non-Operating: -20oC-75oC
Certificates
CE, FCC, BSMI
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


Número de pieza similar - TS16GJFV85

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS16GJFV10 TRANSCEND-TS16GJFV10 Datasheet
89Kb / 2P
   16GB USB2.0 JetFlash?줧10
TS16GJFV15 TRANSCEND-TS16GJFV15 Datasheet
90Kb / 2P
   16GB USB2.0 JetFlash?줧15
TS16GJFV20 TRANSCEND-TS16GJFV20 Datasheet
47Kb / 2P
   16GB USB2.0 JetFlash?줧20
TS16GJFV30 TRANSCEND-TS16GJFV30 Datasheet
62Kb / 2P
   16GB USB2.0 JetFlash?줧30
TS16GJFV33 TRANSCEND-TS16GJFV33 Datasheet
50Kb / 2P
   16GB USB2.0 JetFlash?줧33
More results

Descripción similar - TS16GJFV85

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS8GJFV85 TRANSCEND-TS8GJFV85 Datasheet
47Kb / 2P
   8GB USB2.0 JetFlash?줧85
TS2GJFV85 TRANSCEND-TS2GJFV85 Datasheet
46Kb / 2P
   2GB USB2.0 JetFlash?줧85
TS4GJFV85 TRANSCEND-TS4GJFV85 Datasheet
46Kb / 2P
   4GB USB2.0 JetFlash?줧85
TS16GJFV33 TRANSCEND-TS16GJFV33 Datasheet
50Kb / 2P
   16GB USB2.0 JetFlash?줧33
TS16GJFV60 TRANSCEND-TS16GJFV60 Datasheet
57Kb / 2P
   16GB USB2.0 JetFlash?줧60
TS16GJFV70 TRANSCEND-TS16GJFV70 Datasheet
53Kb / 2P
   16GB USB2.0 JetFlash?줧70
TS16GJF220 TRANSCEND-TS16GJF220 Datasheet
58Kb / 2P
   16GB USB2.0 JetFlash??20
TS16GJFV10 TRANSCEND-TS16GJFV10 Datasheet
89Kb / 2P
   16GB USB2.0 JetFlash?줧10
TS16GJF600 TRANSCEND-TS16GJF600 Datasheet
64Kb / 2P
   16GB USB2.0 JetFlash??00
TS16GJFV15 TRANSCEND-TS16GJFV15 Datasheet
90Kb / 2P
   16GB USB2.0 JetFlash?줧15
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com