Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DL-5320S-C430-HLS Datasheet(PDF) 3 Page - Optoway Technology Inc

No. de pieza DL-5320S-C430-HLS
Descripción Electrónicos  1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5320S-C430-HLS Datasheet(HTML) 3 Page - Optoway Technology Inc

  DL-5320S-C430-HLS Datasheet HTML 1Page - Optoway Technology Inc DL-5320S-C430-HLS Datasheet HTML 2Page - Optoway Technology Inc DL-5320S-C430-HLS Datasheet HTML 3Page - Optoway Technology Inc DL-5320S-C430-HLS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Optoway
DL-5300-CXX0
********************************************************************************************************************************************************
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/15/2009 V3.0
ORDER INFORMATION
Part No.: D
L
− 5 3 □ □ □ − C □ □ 0
− □ □ □ S
Code
Pout (mW)
Code Wavelength
Code
Isolator
2
1
27
1270 nm
S
Single-Stage
3
2
29
1290 nm
4
3
31
1310 nm
33
1330 nm
35
1350 nm
Code
Connector
Code
PIN
Assignment
37
1370 nm
S
SC/PC
0
Type A
39
1390 nm
F
FC/PC
5
Type B
41
1410 nm
T
ST/PC
8
Type C
43
1430 nm
L
LC/PC
45
1450 nm
X
No connector
Code
Speed
47
1470 nm
SA
SC/APC
Blank
1.25 Gbps
49
1490 nm
FA
FC/APC
S
2.5 Gbps
51
1510 nm
TA
ST/APC
53
1530 nm
LA
LC/APC
55
1550 nm
57
1570 nm
Code
Flange
59
1590 nm
V
Vertical
61
1610 nm
H
Horizontal
X
No Flange


Número de pieza similar - DL-5320S-C430-HLS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
DL-5320S-C270-HF OPTOWAY-DL-5320S-C270-HF Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5320S-C270-HF OPTOWAY-DL-5320S-C270-HF Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5320S-C270-HFS OPTOWAY-DL-5320S-C270-HFS Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5320S-C270-HFS OPTOWAY-DL-5320S-C270-HFS Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5320S-C270-HL OPTOWAY-DL-5320S-C270-HL Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
More results

Descripción similar - DL-5320S-C430-HLS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5340-CXX0 OPTOWAY-DL-5340-CXX0 Datasheet
95Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5300S-CXX0 OPTOWAY-DL-5300S-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5340S-CXX0 OPTOWAY-DL-5340S-CXX0 Datasheet
93Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5540S-CXX0 OPTOWAY-DL-5540S-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500S-CXX0 OPTOWAY-DL-5500S-CXX0 Datasheet
112Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5540-CXX0 OPTOWAY-DL-5540-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500-CXX0 OPTOWAY-DL-5500-CXX0 Datasheet
111Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500-CXX0 OPTOWAY-DL-5500-CXX0_09 Datasheet
93Kb / 5P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com