Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1GUFM-V Datasheet(PDF) 1 Page - Transcend Information. Inc.

No. de pieza TS1GUFM-V
Descripción Electrónicos  512M~4GB USB Flash Module(Vertical)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCEND [Transcend Information. Inc.]
Página de inicio  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GUFM-V Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS1GUFM-V Datasheet HTML 1Page - Transcend Information. Inc. TS1GUFM-V Datasheet HTML 2Page - Transcend Information. Inc. TS1GUFM-V Datasheet HTML 3Page - Transcend Information. Inc. TS1GUFM-V Datasheet HTML 4Page - Transcend Information. Inc. TS1GUFM-V Datasheet HTML 5Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T
T
TS
S
S5
5
51
1
12
2
2M
M
M~
~
~4
4
4G
G
GU
U
UF
F
FM
M
M---V
V
V
512M~4GB USB Flash Module(Vertical)
Transcend Information Inc.
1
Description
Transcend USB Flash Module, available in memory
capacities from 512MB – 4GB. A USB Flash Module is
ideal for use in the harsh environments where Industrial
PCs, Set-Top Boxes and other systems are used.
Outline
Features
• RoHS compliant products
• Hi-Speed USB 2.0 compliant; backward compatible with
USB 1.1
• True Plug and Play functionality
• Fully compatible with devices and Operating Systems (OS)
that support the USB standard
• Integrated 80C51 compatible 8-bit microprocessor with
enhanced feature
• Leading 0.16um CMOS technology, 1.8 Volt low power core
operation
• Operates on a single power supply (Vdd = 5.0V)
• Support dual channel for Flash memory with enhanced
performance
• Lower Power Consumption
• Fully compliant with open industry standards
• Write protection switch
System Requirement
• Hardware: An available 10-pin USB port (pitch =
2.54mm) on motherboard
• Operating System: Windows® 98SE, Windows® Me,
Windows
® 2000, Windows® XP, and Linux™ Kernel 2.4
or later
Dimensions
Side
Millimeters
Inches
A
31.80
± 1.00
1.25
± 0.04
B
26.00
± 1.00
1.02
± 0.04
C
7.00
± 1.00
0.28
± 0.04


Número de pieza similar - TS1GUFM-V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS1GUFM-H TRANSCEND-TS1GUFM-H Datasheet
483Kb / 7P
   128MB~8GB USB Flash Module
TS1GUFM-H TRANSCEND-TS1GUFM-H Datasheet
379Kb / 7P
   128MB~8GB USB Flash Module
More results

Descripción similar - TS1GUFM-V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS4GMP850 TRANSCEND-TS4GMP850 Datasheet
134Kb / 4P
   4GB/8GB USB Flash Drive
TS2GMP820 TRANSCEND-TS2GMP820 Datasheet
93Kb / 4P
   2GB/4GB USB Flash Drive
TS4GGMP860 TRANSCEND-TS4GGMP860 Datasheet
167Kb / 4P
   4GB/8GB USB Flash Drive
TS2GMP320 TRANSCEND-TS2GMP320 Datasheet
143Kb / 4P
   2GB/4GB USB Flash Drive
TS2GMP650 TRANSCEND-TS2GMP650 Datasheet
172Kb / 4P
   2GB/4GB/8G USB Flash Drive
TS2GMP840 TRANSCEND-TS2GMP840 Datasheet
116Kb / 4P
   2GB/4GB/8G USB Flash Drive
TS1GMP630 TRANSCEND-TS1GMP630 Datasheet
67Kb / 4P
   1GB/2GB/4GB USB Flash Drive
logo
List of Unclassifed Man...
KVR667D2D4P5-4G ETC2-KVR667D2D4P5-4G Datasheet
151Kb / 1P
   4GB 512M x 72-Bit DDR2-667
KVR800D2D4P6-4G ETC2-KVR800D2D4P6-4G Datasheet
270Kb / 1P
   4GB 512M x 72-Bit DDR2-800
HX313C9FB-4 ETC2-HX313C9FB-4 Datasheet
426Kb / 2P
   4GB 512M x 64-Bit DDR3-1333
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com