Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS4GSDHC6V Datasheet(PDF) 5 Page - Transcend Information. Inc.

No. de pieza TS4GSDHC6V
Descripción Electrónicos  4GB~16GB SDHC6 HD Video Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCEND [Transcend Information. Inc.]
Página de inicio  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDHC6V Datasheet(HTML) 5 Page - Transcend Information. Inc.

  TS4GSDHC6V Datasheet HTML 1Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 2Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 3Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 4Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 5Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 6Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 7Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 8Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
HD Video Card Series
4GB~16GB SDHC6 HD Video Card
Transcend Information Inc.
5
Bus Signal Levels
As the bus can be supplied with a variable supply voltage, all signal levels are related to the supply voltage.
To meet the requirements of the JEDEC specification JESD8-1A and JESD8-7, the card input and output voltages shall be
within the following specified ranges for any VDD of the allowed voltage range:
Parameter
Symbol
Min.
Max.
Unit
Remark
Output HIGH voltage
VOH
0.75* VDD
V
IOH = -100 μA @VDD min
Output LOW voltage
VOL
0.125* VDD
V
IOL = -100 μA @VDD min
Input HIGH voltage
VIH
0.625* VDD
VDD + 0.3
V
Input LOW voltage
VIL
VSS – 0.3
0.25* VDD
V


Número de pieza similar - TS4GSDHC6V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC6-P2 TRANSCEND-TS4GSDHC6-P2 Datasheet
804Kb / 27P
   SDHC Memory Card Reader P2
More results

Descripción similar - TS4GSDHC6V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micron Technology
MTFC4GMVEA-4MIT MICRON-MTFC4GMVEA-4MIT Datasheet
479Kb / 24P
   4GB, 8GB, 16GB, 32GB, 64GB e MMC
MT29F8G08DAAWCA MICRON-MT29F8G08DAAWCA Datasheet
2Mb / 81P
   4Gb, 8Gb, and 16Gb x8 NAND Flash Memory
MT29F8G08ADADAH4D MICRON-MT29F8G08ADADAH4D Datasheet
1Mb / 132P
   4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
logo
List of Unclassifed Man...
KVR18R13S8K4-16 ETC2-KVR18R13S8K4-16 Datasheet
124Kb / 2P
   16GB (4GB 1RX8 512M x 72-Bit x 4 pcs.) PC3-14900
KVR16R11S8K4-16I ETC2-KVR16R11S8K4-16I Datasheet
149Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3-12800
KVR16LR11S8K4-16I ETC2-KVR16LR11S8K4-16I Datasheet
149Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3L-12800
KVR16LR11S8K4-16 ETC2-KVR16LR11S8K4-16 Datasheet
113Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3L-12800
KVR16R11S8K4-16 ETC2-KVR16R11S8K4-16 Datasheet
149Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3-12800
logo
3PEAK INC.
TPF147 3PEAK-TPF147 Datasheet
1Mb / 13P
   TPF147 Selectable One HD/Full-HD Video Filter
logo
Emcore Corporation
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
   HD-SDI & SD-SDI Video
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com