Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS4GSDHC6V Datasheet(PDF) 1 Page - Transcend Information. Inc.

No. de pieza TS4GSDHC6V
Descripción Electrónicos  4GB~16GB SDHC6 HD Video Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCEND [Transcend Information. Inc.]
Página de inicio  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDHC6V Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS4GSDHC6V Datasheet HTML 1Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 2Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 3Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 4Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 5Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 6Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 7Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 8Page - Transcend Information. Inc. TS4GSDHC6V Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
HD Video Card Series
4GB~16GB SDHC6 HD Video Card
Transcend Information Inc.
1
Description
Transcend HD Video Card is rated SDHC Class 6
to provide extremely fast data transfer speeds
(guaranteed minimum write speed of 6MB/s) and
assure quick reaction time when used in digital
cameras and camcorders. This card is optimized for
Full HD 1080p video recording, which allows users to
capture every moment in breathtaking detail!
Transcend HD Video Cards also feature a useful
space for labeling and organizing recorded video
content.
Placement
Front
Back
Features
• RoHS compliant product.
• Card Lid material: PC (comply with UL94,Flame
Class:HB)
• Operating Voltage: 2.7 ~ 3.6V
• Operating Temperature: -25 ~ 85°C
• Durability: 10,000 insertion/removal cycles
• Compatible with SD Specification Ver. 2.0
• Comply with SD File System Specification Ver. 2.0
• Mechanical Write Protection Switch
• Supports Speed Class Specification up to Class 6
• Supports Copy Protection for Recorded Media (CPRM)
for SD-Audio
• Seamless compatibility with SDMI-compliant digital audio
devices
• Form Factor: 24mm x 32mm x 2.1mm
Pin Definition
SD Mode
SPI Mode
Pin No.
Name
Type
Description
Name
Type
Description
1
CD/DAT I/O/PP3 Card Detect/Data Line [Bit3]
CS
I
Chip Select (neg true)
2
CMD
PP
Command/Response
DI
I
Data In
3
VSS1
S
Supply voltage ground
VSS
S
Supply voltage ground
4
VDD
S
Supply voltage
VDD
S
Supply voltage
5
CLK
I
Clock
SCLK
I
Clock
6
VSS2
S
Supply voltage ground
VSS2
S
Supply voltage ground
7
DAT0
I/O/PP Data Line [Bit0]
DO
O/PP Data Out
8
DAT1
I/O/PP Data Line [Bit1]
RSV
9
DAT2
I/O/PP Data Line [Bit2]
RSV


Número de pieza similar - TS4GSDHC6V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC6-P2 TRANSCEND-TS4GSDHC6-P2 Datasheet
804Kb / 27P
   SDHC Memory Card Reader P2
More results

Descripción similar - TS4GSDHC6V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micron Technology
MTFC4GMVEA-4MIT MICRON-MTFC4GMVEA-4MIT Datasheet
479Kb / 24P
   4GB, 8GB, 16GB, 32GB, 64GB e MMC
MT29F8G08DAAWCA MICRON-MT29F8G08DAAWCA Datasheet
2Mb / 81P
   4Gb, 8Gb, and 16Gb x8 NAND Flash Memory
MT29F8G08ADADAH4D MICRON-MT29F8G08ADADAH4D Datasheet
1Mb / 132P
   4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
logo
List of Unclassifed Man...
KVR18R13S8K4-16 ETC2-KVR18R13S8K4-16 Datasheet
124Kb / 2P
   16GB (4GB 1RX8 512M x 72-Bit x 4 pcs.) PC3-14900
KVR16R11S8K4-16I ETC2-KVR16R11S8K4-16I Datasheet
149Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3-12800
KVR16LR11S8K4-16I ETC2-KVR16LR11S8K4-16I Datasheet
149Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3L-12800
KVR16LR11S8K4-16 ETC2-KVR16LR11S8K4-16 Datasheet
113Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3L-12800
KVR16R11S8K4-16 ETC2-KVR16R11S8K4-16 Datasheet
149Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3-12800
logo
3PEAK INC.
TPF147 3PEAK-TPF147 Datasheet
1Mb / 13P
   TPF147 Selectable One HD/Full-HD Video Filter
logo
Emcore Corporation
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
   HD-SDI & SD-SDI Video
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com