Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS512MCF80 Datasheet(PDF) 1 Page - Transcend Information. Inc.

No. de pieza TS512MCF80
Descripción Electrónicos  80X CompactFlash Card
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCEND [Transcend Information. Inc.]
Página de inicio  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MCF80 Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS512MCF80 Datasheet HTML 1Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 2Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 3Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 4Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 5Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 6Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 7Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 8Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
T
T
TS
S
S3
3
32
2
2M
M
M~
~
~1
1
1G
G
GC
C
CF
F
F8
8
80
0
0
80X CompactFlash Card
Transcend Information Inc.
V1.1
1
1. Description
The Transcend CF 80X is a High Speed Compact
Flash Card with high quality Flash Memory assembled
on a printed circuit board.
Placement
1.1 Feature
• RoHS compliant products
• Compliant with CompactFlash® specification V3.0
• Single Power Supply: 5V ± 10% / 3.3V ± 5%
• Compliant to CompactFlash, PCMCIA, and ATA
standard
s
• Support PIO mode 0 to PIO mode 6
• Support Multi-Word DMA mode 0 to Multi-Word DMA
mode 4 (Series of –P only supports PIO mode 0 to
mode 4, please see Ordering Information)
• True IDE Mode: Fixed Disk (Standard)
• PC Card Mode: Removable Disk (Standard)
• Operating Temperature: -25
oC to 85oC
• Storage Temperature: -40
oC to 85oC
• Hardware RS-code ECC
• Support Wear-Leveling to extend product life
• Durability of Connector: 10,000 times
1.2 Dimensions
Side
Millimeters
Inches
A
36.40 ± 0.150
1.43 ± 0.005
B
42.80 ± 0.100
1.69 ± 0.004
C
3.30 ± 0.100
0.13 ± 0.004
D
0.63 ± 0.070
0.02 ± 0.003


Número de pieza similar - TS512MCF80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS512MCF100I TRANSCEND-TS512MCF100I Datasheet
3Mb / 80P
   Industrial CF Card
TS512MCF100I TRANSCEND-TS512MCF100I Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS512MCF100I-P TRANSCEND-TS512MCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS512MCF200I TRANSCEND-TS512MCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
TS512MCFI TRANSCEND-TS512MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
More results

Descripción similar - TS512MCF80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS256MUSD80 TRANSCEND-TS256MUSD80 Datasheet
200Kb / 6P
   80x microSD Memory Card
TS1GSD80I TRANSCEND-TS1GSD80I Datasheet
265Kb / 11P
   80x Industrial Secure Digital Card
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com