Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS256MMC4 Datasheet(PDF) 6 Page - Transcend Information. Inc.

No. de pieza TS256MMC4
Descripción Electrónicos  MMCplus memory card
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCEND [Transcend Information. Inc.]
Página de inicio  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS256MMC4 Datasheet(HTML) 6 Page - Transcend Information. Inc.

Back Button TS256MMC4 Datasheet HTML 2Page - Transcend Information. Inc. TS256MMC4 Datasheet HTML 3Page - Transcend Information. Inc. TS256MMC4 Datasheet HTML 4Page - Transcend Information. Inc. TS256MMC4 Datasheet HTML 5Page - Transcend Information. Inc. TS256MMC4 Datasheet HTML 6Page - Transcend Information. Inc. TS256MMC4 Datasheet HTML 7Page - Transcend Information. Inc. TS256MMC4 Datasheet HTML 8Page - Transcend Information. Inc. TS256MMC4 Datasheet HTML 9Page - Transcend Information. Inc. TS256MMC4 Datasheet HTML 10Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~4
4
4G
G
GM
M
MM
M
MC
C
C4
4
4
MMCplus
Transcend Information Inc.
6
• Backwards Compatible Card Interface Timing
(Ta=-25℃ to 85℃,VDDH=2.7V to3.6V)
Parameter
Symbol
Min.
Max.
Unit
Notes
Clock Frequency (Data Transfer Mode)
fpp
0
20
MHz
Clock Frequency (Identification Mode)
fOD
0
400
KHz
Clock Low Time
tWL
10
ns
Clock Rise Time
tTLH
10
ns
Clock Fall Time
tTHL
10
ns
Input Set-up Time
tISU
3
ns
Input Hold Time
tIH
3
ns
Output Delay Time
tDLY
9.7
35
ns
CL<=30pF


Número de pieza similar - TS256MMC4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS256MMC TRANSCEND-TS256MMC Datasheet
266Kb / 10P
   MultiMediaCard
More results

Descripción similar - TS256MMC4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS128MSDM TRANSCEND-TS128MSDM Datasheet
197Kb / 6P
   numiniSD Memory Card
logo
Apacer Technology Inc.
SU220-CFAST APACER-SU220-CFAST Datasheet
677Kb / 5P
   flash memory card
logo
Transcend Information. ...
TS256MUSD TRANSCEND-TS256MUSD Datasheet
537Kb / 24P
   microSD Memory Card
logo
Sharp Corporation
ID241 SHARP-ID241 Datasheet
22Kb / 1P
   Flash Memory Card
ID242 SHARP-ID242 Datasheet
1Mb / 33P
   Flash Memory Card
ID246 SHARP-ID246 Datasheet
2Mb / 38P
   Flash Memory Card
logo
Apacer Technology Inc.
SS220-CFAST APACER-SS220-CFAST Datasheet
787Kb / 5P
   flash memory card
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
   flash memory card
SM230-CFAST APACER-SM230-CFAST Datasheet
1Mb / 4P
   flash memory card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com