|
| 8E103G |
|
||
|
DUBILIER |
|
2 page
Fax: 01371 875075 www.dubilier.co.uk Tel: 01371 875758 136 SPECIFICATION RESISTORS RESISTOR NETWORK SIL SIL PIN-OUTS Short Term Overload ∆R/R ± (1% + 0.05Ω) After application of 21/2 x rated voltage, or the maximum overload voltage, whichever smaller, for a period of 5 secs. Resistance change to be within specification, with no evidence of arcing, burning or charring. Vibration ∆R/R ± (0.5% + 0.5Ω) Resistors are to be subjected to vibration of amplitude 0.8mm for 2 hours in each of three mutually perpendicular directions. The vibration frequency shall be swept from 10 to 55 to 10Hz in 1 minute. Resistance change to be within specification with no evidence of damage. Dielectric Strength Components shall withstand twice their rated voltage for 1 minute applied between termination and substrate. No evidence of arcing, burning or charring. Solderability ∆R/R ± (1% + 0.05Ω) After dipping at 260°C ± 5°C for 10 seconds, resistance change to be within specification, with no evidence of arcing, burning or charring. Terminations shall maintain a minimum of 75% coverage following the procedures of MIL-STD-202E. Load Life ∆R/R ± (2% + 0.05Ω) After 1000 hours application of the rated voltage with a duty cycle of 11/2 hours ON and 1/2 hour OFF, at 70°C. Resistance change to be within specification, with no evidence of arcing, burning or charring. Moisture Load ∆R/R ± (2% + 0.05Ω) After 1000 hours application of the rated voltage with a duty cycle of 11/2 hours ON and 1/2 hour OFF, at 40°C and 90-95% RH. Resistance change to be within specification, with no evidence of arcing, burning or charring. Voltage Coefficient ∆R/R < 100ppm/V Flammability Product is conformally coated with epoxy resin conforming to UL94V-0. 2 3 4 5 6 7 8 n-1 n = Number of pins 1 Common parts are characterised by having a number of resistive elements, all of the same nominal value. All elements are connected to pin 1. 1 2 3 4 5 6 n-1 n n = Number of pins Isolated parts are characterised by having a number of resistive elements, all of the same nominal value. All elements are independent. Common (E) Isolated (M) |