Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS4GUSDHC6-P3 Datasheet(PDF) 10 Page - Transcend Information. Inc.

No. de pieza TS4GUSDHC6-P3
Descripción Electrónicos  4/8GB microSDHC Class 6 Card Reader P3
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCEND [Transcend Information. Inc.]
Página de inicio  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GUSDHC6-P3 Datasheet(HTML) 10 Page - Transcend Information. Inc.

Back Button TS4GUSDHC6-P3 Datasheet HTML 6Page - Transcend Information. Inc. TS4GUSDHC6-P3 Datasheet HTML 7Page - Transcend Information. Inc. TS4GUSDHC6-P3 Datasheet HTML 8Page - Transcend Information. Inc. TS4GUSDHC6-P3 Datasheet HTML 9Page - Transcend Information. Inc. TS4GUSDHC6-P3 Datasheet HTML 10Page - Transcend Information. Inc. TS4GUSDHC6-P3 Datasheet HTML 11Page - Transcend Information. Inc. TS4GUSDHC6-P3 Datasheet HTML 12Page - Transcend Information. Inc. TS4GUSDHC6-P3 Datasheet HTML 13Page - Transcend Information. Inc. TS4GUSDHC6-P3 Datasheet HTML 14Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
T
T
TS
S
S4
4
4///8
8
8G
G
GU
U
US
S
SD
D
DH
H
HC
C
C6
6
6---P
P
P3
3
3
4/8GB microSDHC Class 6 Card + Reader P3
Transcend Information Inc.
10
Reliability and Durability
Temperature
Operation: -25°C / 85°C (Target spec)
Moisture and corrosion
Operation: 25°C / 95% rel. humidity
Storage: 40°C / 93% rel. hum./500h
Salt Water Spray: 3% NaCl/35C; 24h acc. MIL STD Method 1009
Durability
10.000 mating cycles; test procedure: tbd.
Bending
10N
Torque
0.15N.m or +/-2.5 deg
Drop test
1.5m free fall
UV light exposure
UV: 254nm, 15Ws/cm² according to ISO 7816-1
X-ray exposure
0.1 Gy of medium-energy radiation (70 keV to 140 keV, cumulative dose per year) to
both sides of the card, according to ISO7816-1.
Visual inspection
Shape and form
No warp page; no mold skin; complete form; no cavities surface smoothness <= -0.1
mm/cm² within contour; no cracks; no pollution (fat, oil dust, etc.)
Minimum moving force of WP witch 40gf (Ensures that the WP switch will not slide while it is inserted to the connector.)
WP Switch cycles
minimum 1000 Cycles(@Slide force 0.4N to 5N)


Número de pieza similar - TS4GUSDHC6-P3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS4GUFM-H TRANSCEND-TS4GUFM-H Datasheet
483Kb / 7P
   128MB~8GB USB Flash Module
TS4GUFM-H TRANSCEND-TS4GUFM-H Datasheet
379Kb / 7P
   128MB~8GB USB Flash Module
TS4GUFM-V TRANSCEND-TS4GUFM-V Datasheet
192Kb / 5P
   512M~4GB USB Flash Module(Vertical)
More results

Descripción similar - TS4GUSDHC6-P3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS2GUSD-P3 TRANSCEND-TS2GUSD-P3 Datasheet
1Mb / 27P
   2GB microSD Card Reader P3
logo
List of Unclassifed Man...
SDSQUAR-016G-GN6MA ETC1-SDSQUAR-016G-GN6MA Datasheet
205Kb / 1P
   16GB SANDISK ULTRA microSDHC CLASS 10 MEMORY CARD
AF128UDI ETC1-AF128UDI Datasheet
359Kb / 14P
   ATP Industrial Grade microSD/microSDHC Card Specification
logo
Panasonic Semiconductor
RP-SMTTXXDA1 PANASONIC-RP-SMTTXXDA1 Datasheet
152Kb / 2P
   microSDHC/microSDXC Memory Card, Consumer Plus MLC Model
logo
AAEON Technology
BP-204SP-P3 AAEON-BP-204SP-P3 Datasheet
44Kb / 1P
   BP-204SP-P3
logo
Infineon Technologies A...
BSO080P03NS3G INFINEON-BSO080P03NS3G Datasheet
658Kb / 9P
   OptiMOSTM3 P3-Power-Transistor
Rev.2.2 2010-05-06
BSZ180P03NS3G INFINEON-BSZ180P03NS3G Datasheet
638Kb / 9P
   OptiMOSTM P3 Power-Transistor
Rev.2.1 2009-11-16
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
   SIM CARD READER
logo
Yamaichi Electronics Co...
FMS006-3000-1 YAMAICHI-FMS006-3000-1 Datasheet
135Kb / 2P
   SIM Card Reader
logo
FCI connector
VJW54076 FCI-CONNECTOR-VJW54076 Datasheet
117Kb / 1P
   CARD READER WITHOUT CARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com