Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTB06N03H8 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

No. de pieza MTB06N03H8
Descripción Electrónicos  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB06N03H8 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  MTB06N03H8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB06N03H8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB06N03H8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB06N03H8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB06N03H8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB06N03H8 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C710H8
Issued Date : 2009.05.07
Revised Date :
Page No. : 6/6
MTB06N03H8
CYStek Product Specification
Power pak Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
Device Name
Date Code
8-Lead power pak Plastic Package
CYStek Package Code: H8
Marking:
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1890
0.1969
4.80
5.00
I
0.0161
0.0240
0.41
0.61
B
0.2244
0.2283
5.70
5.80
J
0.1331
0.1488
3.38
3.78
C
0.2323
0.2402
5.90
6.10
K
0.0433
-
1.10
-
D
0.0130
0.0201
0.33
0.51
L
0.0201
0.0280
0.51
0.71
E
0.0500*
1.27*
M
-
-
0
°
12
°
F
0.0354
0.0472
0.90
1.20
G
0.0067
0.0118
0.17
0.30
H
0.1445
0.1583
3.67
4.02
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: pure tin plated
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Número de pieza similar - MTB06N03H8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTB06N03E3 CYSTEKEC-MTB06N03E3 Datasheet
288Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
MTB06N03I3 CYSTEKEC-MTB06N03I3 Datasheet
271Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
MTB06N03J3 CYSTEKEC-MTB06N03J3 Datasheet
304Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
MTB06N03Q8 CYSTEKEC-MTB06N03Q8 Datasheet
259Kb / 6P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB06N03Q8 CYSTEKEC-MTB06N03Q8 Datasheet
378Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Descripción similar - MTB06N03H8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com