Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL431A3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

No. de pieza TL431A3
Descripción Electrónicos  Adjustable Precision Shunt Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL431A3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  TL431A3 Datasheet HTML 1Page - Cystech Electonics Corp. TL431A3 Datasheet HTML 2Page - Cystech Electonics Corp. TL431A3 Datasheet HTML 3Page - Cystech Electonics Corp. TL431A3 Datasheet HTML 4Page - Cystech Electonics Corp. TL431A3 Datasheet HTML 5Page - Cystech Electonics Corp. TL431A3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C502A3
Issued Date : 2003.03.26
Revised Date : 2008.10.09
Page No. : 2/6
TL431A3
CYStek Product Specification
Functional Block Diagram & Symbol
Test Circuits
Electrical Characteristics ( Ta=25
°C unless otherwise specified )
Functional Block Diagram :
Symbol :
Characteristics
Symbol
Test Conditions
Min
Typ
Max Unit
TL431A
2.480 2.495 2.510
TL431B
2.470 2.495 2.520
Reference Input Voltage
TL431C
VREF
VKA=VREF, IK=10mA
2.445 2.495 2.545
V
Deviation of Reference Input Voltage
Over-Temperature
VREF(dev)
VKA=VREF, IK=10mA
Tmin
≤Ta≤Tmax
-
4
17
mV
IK=10mA,
ΔVKA=10V-VREF
-
-1.4
-2.7
mV
Ratio of Change in Reference Input
Voltage to the Change in Cathode
Voltage
ΔVREF /
ΔVKA IK=10mA,
ΔKKA=36V-10V
-
-1.0
-2.0
V
Reference Input Current
IREF
IK=10mA, R1=10k
Ω,
R2=
-
2
4
μA
Deviation of Reference Input Current
Over Full Temperature Range
IK=10mA, R1=10k
Ω,
R2=
∞, Ta=Full Range
-
0.4
1.2
μA
IREF(dev)
Minimum Cathode Current for
Regulation
IK(min)
VKA=VREF
-
0.4
1.0
mA
Off-State Cathode Current
IK(off)
VKA=36V, VREF=0
-
0.1
1.0
μA
Dynamic impedance
VKA=VREF, f
≤1.0KHz
ZKA
-
0.2
0.5
Ω
IK=1 to 100mA
Fig3. Test Circuit for Off-State
Current
VZ
IN
Fig 2. Test Circuit for VZ>VREF
Note : VZ=VREF(1+R1/R2)+IREFxR1
VREF
R2
IZ
IREF
IN
VZ
II
Fig1. Test Circuit for VZ=VREF
R1
VZ
IZ
VREF
IREF
II
IN
Reference
Cathode
Anode
Cathode
Anode
+
-
VREF
Reference


Número de pieza similar - TL431A3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL431A TI-TL431A Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431A TI-TL431A Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431A TI1-TL431A Datasheet
2Mb / 77P
[Old version datasheet]   Precision Programmable Reference
logo
Analog Intergrations Co...
TL431A AIC-TL431A Datasheet
194Kb / 11P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431A TI-TL431A Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Descripción similar - TL431A3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com