Nombre de pieza
         Descripción
DVS-355-ZU25E

 Embedded/Mobile Digital Video Platform with Intel Core Duo Mobile Processor ( 2 Page)


ADVANTECH
100% 
Zoom Out Zoom In
   
 2 page
background image
Digital Video Solutions
Dimensions
Unit: mm (inch)
Ordering Information
Part Number
Memory
WLAN
Video Input
DVS-355-MU25E
N/A
N/A
6 channels
DVS-355-ZU25E
N/A
802.11 b/g
N/A
DVS-355-SU25E
N/A
N/A
N/A
Optional Items
2.5" Hard Drive Options
Part Number
RPM
Type
Capacity
96ND60G-I-FJ4K1
4200
IDE Parallel-ATA
60 GB
96ND80G-I-FJ4K1
4200
IDE Parallel-ATA
80 GB
Power Adapter Options
Part Number
Description
1757000222
AC-to-DC Adapter 2-pin DC 19 V/3.42 A/65 W, with
Phoenix Power Plug
9689000450
AC-to-DC Adapter 3-pin DC19V/3.16A/ 60W
DVS-355M
Physical Characteristics
Mounting
DIN-rail mounting and desk / wall mounting
Dimensions (W x H x D)
232 x 65 x 138.4 mm (9.1" x 2.5" x 5.4")
Weight
2.3 kg / 5.07 lb
Environment
Temperature
-10 ~ 45° C (14 ~ 113° F), Operating
Temperature
(with industrial grade components)
-15~55° C (5 ~ 131° F), Operating
Relative Humidity
95% @ 40° C (non-condensing), Operating
Vibration Resistance
1 Grms, IEC 60068-2-64, Random, 5-500 Hz, 1 Oct/min, 1hr/axis
Shock Resistance
40G, IEC 60068-2-27,half sine,11 ms , Operating
Software Development Kit
Operation System
Supports Microsoft Windows XP with SP2, XP embedded and Win2000 with SP4.
Demo Program
Complete demo program with VC++ sample code for reference
232.0 (9.13")
262.0 (10.31")
Power Cord Options
Part Number
Description
1700001947
2-pin 180 cm, USA
1700001948
2-pin 180 cm, Europe
9689071001
3-pin 180 cm, USA
9689071002
3-pin 180 cm, Eruope
Industrial-Grade CompactFlash Card Options
Part Number
Capacity
Operating Temperature
96FMCFI-512M-ET-AP
512 MB
-40 ~ 85° C (-40 ~ 185° F)
96FMCFI-1G-ET-AP
1 GB
-40 ~ 85° C (-40 ~ 185° F)
Packing List
Part Number
Description
Qty
2013000000
2 year warranty card
X 1
2062S35000
Driver CD
X 1
1700001394
DC Jack with 2-pin pluggable terminal block
X 1
1700060202
Y cable of KB and PS/2 Mouse
X 1
1700005791
Video In Cable D-Sub to BNC (DVS-355-MU25E
only)
X 1
Specifications
1  2 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl