Nombre de pieza
         Descripción
DVS-5120-945G-4SB1

 Industrial Robust & Compact Desktop/ Wallmount PC based DVR with Front Accessible I/O ( 3 Page)


ADVANTECH
100% 
Zoom Out Zoom In
   
 1 page
background image
Features
DVS-5120
Industrial Robust & Compact Desktop/
Wallmount PC based DVR with Front
Accessible I/O
Cost effective to advanced performance platform supports Intel Core™ 2
Duo/Pentium D/Pentium 4/Celeron D Processors
Compact, robust and flexibility configure with Micro ATX Motherboard
All I/O interfaces are located in the front to facilitate cable routing
Shock-resistant drive bay configure to hold one 5.25" and two 3.5" drives (one
external & one internal)
Streamlined in-chassis airflow design
Compatibility and certification test for various video capture card
Supports 4/8/16 MPEG-4/H.264 video capture
Built-in CD-ROM/RW or DVD-ROM/±RW and HDD
PCIe x 16 slot for VGA card
Introduction
The DVS-5120 industrial PC based DVR is specifically designed for factory floors and other harsh industrial environments. It is a wall-mountable/desktop unit that is ideal for system
integrators or users who require a compact and rugged surveillance platform for industrial or specific applications. The DVS-5120 supports a wide range computing peripherals to be
integrated with the chassis. Micro ATX motherboards with up to three add-on cards and one or more DIO modules may be installed in the DVS-5120. Unlike the classical industrial
computer, DVS-5120 has an innovated appearance for industrial outlook chassis. It can be placed on the desk or mounted bi-directionally by the supplied brackets. It can be easily
bottom or right mounted onto most surfaces, such as walls or workbenches. The shockproof disk drive housing design protects the system against harsh industrial environments or
unexpected shock. The front access I/O interfaces and expansion slots make it much easier to operate and maintain while it is installed in the ATM, POS, Gaming and other applied
machine. All these outstanding features make DVS-5120 the best solution for price, performance and total cost of ownership.
Specification
Computing System
Chipset
Intel® 945G + ICH7
CPU* (configurable)
LGA775 Intel® Core™ 2 Duo/Pentium® D/Pentium® 4/Celeron® D
Front Side Bus
533/80/1066 MHz
L2 Cache
4 MB/2 MB (Core 2 Duo), 4 MB/2 MB (Pentium D), 2 MB/1 MB (Pentium 4), 512 KB/256 KB (Celeron D)
Memory* (configurable)
Support up to 4 GB Dual Channel 240-pin, DIMM x 4, DDR2 667/533 MHz
Graphics
Controller
Intel® 82945G GMCH integrated Graphics Media Accelerator 950
VRAM
Intel DVMT 3.0 dynamically shared system memory up to 224 MB memory
Expansion Slots
PCI
2 x 32-bit/33 MHz PCI
PCIe x 16
1 x 4.0 GB/s per direction
DIO
1 x DIO module
Storage
Optical Drive* (configurable)
Supports CD-ROM/DVD-ROM/CD-RW/DVD±RW DL
Floppy Disk (configurable)
Supports 3.5" 1.44 MB FDD
Hard Disk Drive* (configurable)
3.5" SATA HDD
Drive Bay
5.25" (front-accessible)
1
3.5" (front-accessible)
1
3.5" (internal)
1
Ethernet
Interface
10/100/1000Base-T Gigabit Ethernet
Controller
G-LAN: Intel 82573L
I/O Ports*
Front I/O Ports
1 x VGA, 1x RJ45 with LED connector, 1 x COM, 4 x USB2.0, 1 x Parallel (SPP/EPP/ECP), 1 x PS/2 Keyboard,
1 x PS/2 Mouse, 3 x Audio I/O (MIC-In, Line-In, Line-Out)
Power Supply
Power Output Wattage
300 W
Type
Single ATX power supply
Cooling
Chassis Fan
1 (85 CFM) + 1 (10 CFM)
Air Filters
1 (133 x 112 mm)
Environment
Temperature
Operating
Non-Operating
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C non-condensing
10 ~ 95% @ 40° C non-condensing
Physical Characteristics
Color
Black
Dimensions (W x H x D)
320 x 164 x 307 mm (12.6" x 6.5" x 12.1")
Weight
8.3 kg (18.3 lb)
Operating System*
Microsoft® Window ® XP/2000/XP Embedded
* Configurations are variable upon regions. Please contact Advantech sales force or refer CTOS DVR Platform for more details
1  2  3 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl