Nombre de pieza
         Descripción
DVS-5120-945G-8HK

 Industrial Robust & Compact Desktop/ Wallmount PC based DVR with Front Accessible I/O ( 3 Page)


ADVANTECH
100% 
Zoom Out Zoom In
   
 2 page
background image
Dimension
Installation
Unit: mm (inch)
164 [6.5"]
316.5 [12.5"]
334.6 [13.2"]
349.4 [13.8"]
6-
5.2
8-
10
8-
5.2
178.6 [7.0"]
193.4 [7.6"]
DVS-5120
Configure to Order Services
Please visit Advantech CTOS portal for order entry
http://www.advantech.com.tw/CTOS
System Content
Item
Description
Chassis
Wallmount solution
Motherboard
Intel 945G Micro ATX Main board
Power system
300 W ATX
CPU Cooler
Suitable 95 W LGA775 UP to Intel Core 2 Duo 2.4 GHz thermal
design
The front view of DVS-5120
Front View
Inside View
Power switch
HDD LED
5.25 optical
driver
Reset switch
Power LED
10-CFM
cooling fan
1U 300W ATX
power supply
MicroATX motherboard
Up to four half-sized add-on cards
Plug ring-lock securely
fastens the power cord
Solid disk drive housing &
easy-to-maintain fan filter
User-friendly mechanical desing
for installing an add-on card
Shock-resistant drive bay for
holding an internal 3.5" HDD
1  2  3 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl