Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC512THR1-25Q Datasheet(PDF) 3 Page - Marktech Corporate

No. de pieza LC512THR1-25Q
Descripción Electrónicos  SPECIFICATION FOR COTCO LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKTECH [Marktech Corporate]
Página de inicio  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC512THR1-25Q Datasheet(HTML) 3 Page - Marktech Corporate

  LC512THR1-25Q Datasheet HTML 1Page - Marktech Corporate LC512THR1-25Q Datasheet HTML 2Page - Marktech Corporate LC512THR1-25Q Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
COTCO-D-074
REV.1
Model No.
LC512THR1-25Q
Doc. No.
B 31Jul02
G
Gr
ra
ap
ph
hss
Rθj-pin=290° C/W
Rθj-a=530° C/W
1. Cathode PAD Area (0.18 × 0.18inch
2)
2. Height above nominal seating plane in inches(0.3inch)
Items
Signatures
Date
Revision History
Prepared by
LiuZM
2002/7/31
DOC. No.
CHANGE DESCRIPTION
Checked by
ZouGR
2002/7/31
B 31Jul02
CHANG FORMAT
Approved by
David
2002/7/31
ECN#
ECN-H20020761
Data is subject to change without prior notice.
Copyright@2002 Cotco International Ltd.
Obsoletes Doc: A 01Jun02(preliminary).


Número de pieza similar - LC512THR1-25Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
LC512TWN1-25G-A MARKTECH-LC512TWN1-25G-A Datasheet
209Kb / 2P
   Ultra Bright White 5mm LED
logo
List of Unclassifed Man...
LC512TWN1-25G-A1 ETC2-LC512TWN1-25G-A1 Datasheet
165Kb / 5P
   SPECIFICATION FOR COTCO LED LAMP
logo
Marktech Corporate
LC512TWN1-25H-A MARKTECH-LC512TWN1-25H-A Datasheet
209Kb / 2P
   Ultra Bright White 5mm LED
logo
Cree, Inc
LC512TWN1-25P-A1 CREE-LC512TWN1-25P-A1 Datasheet
352Kb / 6P
   5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
More results

Descripción similar - LC512THR1-25Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
LO566AYL4-70G-MT MARKTECH-LO566AYL4-70G-MT Datasheet
63Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566PBL4-70H-MT MARKTECH-LO566PBL4-70H-MT Datasheet
47Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566TYL4-70G-MT MARKTECH-LO566TYL4-70G-MT Datasheet
68Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LS1-TRO1-01-MT MARKTECH-LS1-TRO1-01-MT Datasheet
190Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
Cree, Inc
LC503PBG1-30Q-A3 CREE-LC503PBG1-30Q-A3 Datasheet
168Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
List of Unclassifed Man...
LC512TWN1-25G-A1 ETC2-LC512TWN1-25G-A1 Datasheet
165Kb / 5P
   SPECIFICATION FOR COTCO LED LAMP
logo
Marktech Corporate
LC503AHR2-30Q-A-MT MARKTECH-LC503AHR2-30Q-A-MT Datasheet
225Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LC503AYL1-15P-A-MT MARKTECH-LC503AYL1-15P-A-MT Datasheet
229Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LC512TYL1-25Q-A-MT MARKTECH-LC512TYL1-25Q-A-MT Datasheet
188Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LD-300CBL2-C5-MT MARKTECH-LD-300CBL2-C5-MT Datasheet
117Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com