Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES-2215 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

No. de pieza ES-2215
Descripción Electrónicos  15 Open Frame and Rugged Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2215 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ES-2215 Datasheet HTML 1Page - Advantech Co., Ltd. ES-2215 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Ordering Information
P/N
Type
Brightness (cd/m2) Interface
Touchscreen
Touch Interface
Anti-Reflection
ES-2115G-VXAE
Open Frame
350
VGA
Tempered Glass
N/A
N/A
ES-2115R-VXAE
Open Frame
350
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2115C-VXAE
Open Frame
350
VGA
Capacitive
RS-232
N/A
ES-2115R-LXAE-05
Open Frame
350
LVDS
5-Wire Resistive
RS-232/USB
N/A
ES-2215R-VXAE
Rugged panel mount
350
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2215C-VXA-SRE
Rugged panel mount
550
VGA
Capacitive
RS-232
Yes
ES-2115C-VXM-HE
Open Frame
1500
VGA
Capacitive
RS-232
Yes
Notes:
1.) Capacitive, SAW and Infrared touch panels are recommended for applications requiring sunlight readable outdoor solutions.
2.) The list above is of major part numbers for your reference. Other combinations of LCD, touchscreen and signal interface features can be found in the Advantech Display
Solutions. The Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) or CTOS services can be used to get your demand configuration and part
numbers to us for ordering.
3.) For special requests, we welcome you to use the Display Solution DTOS service.
ES-2115/2215
ES-2115
ES-2215
9.0
59.0
4.0
54.0
5.0
55.0
55.73
5.73
(SAW T/S)
(Infra Red
Vandal Proof
T/S)
(Capacitive T/S)
(Resistive T/S)
307.4
240.0
189.5
190.5
CUT OUT
M3 TAP
69.5
370.0
50.0
21.0
38.1
75.0
120.0
120.0
70.5
389.0
10.00
29.70
58.70
370.00
344.00
398.00


Número de pieza similar - ES-2215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
ES-2210 ADVANTECH-ES-2210 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2210C-VSA-SRE ADVANTECH-ES-2210C-VSA-SRE Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2210R-VSAE ADVANTECH-ES-2210R-VSAE Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2212 ADVANTECH-ES-2212 Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2212C-VSA-SRE ADVANTECH-ES-2212C-VSA-SRE Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
More results

Descripción similar - ES-2215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
ES-2108 ADVANTECH-ES-2108 Datasheet
331Kb / 2P
   8.4 Open Frame and Rugged Panel Mount Monitor
ES-2119 ADVANTECH-ES-2119 Datasheet
318Kb / 2P
   19 Open Frame and Rugged Panel Mount Monitor
ES-2212 ADVANTECH-ES-2212 Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2217 ADVANTECH-ES-2217 Datasheet
83Kb / 2P
   17" Open Frame and Rugged Panel Mount Monitor
ES-2206 ADVANTECH-ES-2206 Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2106 ADVANTECH-ES-2106 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2117 ADVANTECH-ES-2117 Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
ES-2110 ADVANTECH-ES-2110 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
IDS-3115 ADVANTECH-IDS-3115_V01 Datasheet
782Kb / 2P
   15 XGA Industrial Open Frame Monitor
24-Jul-2020
IDS-3115 ADVANTECH-IDS-3115 Datasheet
362Kb / 2P
   15" XGA Industrial Open Frame Monitor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com