Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS5218 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS5218
Descripción Electrónicos  800mA Ultra Low Dropout Voltage Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5218 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS5218 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS5218
800mA Ultra Low Dropout
Voltage Regulator with Enable
3/7
Version: A09
Functional Diagram
Application Information
The TS5218 is high performance with low dropout voltage regulator suitable for moderate to high current and voltage
regulator application. Its 700mV dropout voltage at full load and over temperature makes it especially valuable in
battery power systems and as high efficiency noise filters in post regulator applications. Unlike normal NPN transistor
design, where the base to emitter voltage drop and collector to emitter saturation voltage limit the minimum dropout
voltage, dropout performance of the PNP output of these devices is limited only by low VCE saturation voltage.
The TS5218 is fully protected from damage due to fault conditions. Linear current limiting is provided. Output current
during overload conditions is constant. Thermal shutdown the device when the die temperature exceeds the maximum
safe operating temperature. Transient protection allows device survival even when the input voltage spikes above and
below nominal. The output structure of these regulators allows voltages in excess of the desired output voltage to be
applied without reverse current flow.
Output Capacitor Requirement
The TS5218 requires an output capacitor to maintain stability and improve transient response is necessary. The value
of this capacitor is dependent upon the output current, lower currents allow smaller capacitors. TS5218 output
capacitor selection is dependent upon the ESR of the output capacitor to maintain stability. When the output capacitor
is 10uF or greater, the output capacitor should have an ESR less than 2Ω. This will improve transient response as well
as promote stability. Ultra low ESR capacitors (<100mΩ), such as ceramic chip capacitors, may promote instability.
These very low ESR levels may cause an oscillation and/or under damped transient response. A low ESR solid
tantalum capacitor works extremely well and provides good transient response and stability over temperature
aluminum electrolytes can also be used, as long as the ESR of the capacitor is <2Ω. The value of the output capacitor
can be increased without limit. Higher capacitance values help to improve transient response and ripple rejection and
reduce output noise.


Número de pieza similar - TS5218

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS5218CQRF TSC-TS5218CQRF Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
More results

Descripción similar - TS5218

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com