Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC5401CTB0 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSC5401CTB0
Descripción Electrónicos  Very High Voltage NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC5401CTB0 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSC5401CTB0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC5401CTB0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC5401CTB0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC5401CTB0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary
TSC5401
Very High Voltage NPN Transistor
3/4
Version: Preliminary
TO-92 Mechanical Drawing
TO-92 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
B
4.30
4.70
0.169
0.185
C
13.53 (typ)
0.532 (typ)
D
0.39
0.49
0.015
0.019
E
1.18
1.28
0.046
0.050
F
3.30
3.70
0.130
0.146
G
1.27
1.31
0.050
0.051
H
0.33
0.43
0.013
0.017


Número de pieza similar - TSC5401CTB0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TSC5 ETC1-TSC5 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Suntan Capacitors
TSC5 SUNTAN-TSC5 Datasheet
109Kb / 1P
   CERAMIC TRIMMER CAPACITOR - 5MM
logo
TEMIC Semiconductors
TSC51C1 TEMIC-TSC51C1 Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C1XXX-12CAB TEMIC-TSC51C1XXX-12CAB Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C1XXX-12CAD TEMIC-TSC51C1XXX-12CAD Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
More results

Descripción similar - TSC5401CTB0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STN0214 STMICROELECTRONICS-STN0214 Datasheet
133Kb / 7P
   Very high voltage NPN power transistor
logo
NXP Semiconductors
BUJ303AX NXP-BUJ303AX_11 Datasheet
606Kb / 14P
   NPN power transistor Very high voltage capability Isolated package
Rev. 05-3 May 2011
logo
Comset Semiconductor
BUX48 COMSET-BUX48 Datasheet
187Kb / 2P
   VERY HIGH VOLTAGE POWER TRANSISTOR
logo
STMicroelectronics
HD1760JL STMICROELECTRONICS-HD1760JL_07 Datasheet
250Kb / 10P
   Very high voltage NPN power transistor for high definition and slim CRT display
HD1750JL STMICROELECTRONICS-HD1750JL_07 Datasheet
226Kb / 10P
   Very high voltage NPN power transistor for high definition and slim CRT display
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com