Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPC-660G-B1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

No. de pieza TPC-660G-B1E
Descripción Electrónicos  AMD LX800 Touch Panel Computer with 6.4 VGA TFT LCD Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-660G-B1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  TPC-660G-B1E Datasheet HTML 1Page - Advantech Co., Ltd. TPC-660G-B1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Touch Panel Computers
Specifications
General
Certifications
BSMI, CCC, CE, FCC, UL
Cooling System
Fanless design
Dimensions (W x H x D) 195 x 148 x 44.4 mm (7.68" x 5.83" x 1.75")
Enclosure
ABS and ABS + PC
Mounting
Panel
OS Support
Windows XP/CE and WinXPe
Power Consumption
43.52 W
Power Input
18 ~ 32 VDC
Watchdog Timer
Programmable as 250 ms, 500 ms, 1 second
Weight (Net)
0.8 kg (1.76 lb)
System Hardware
Audio Ports
1 x Line-out, 1 x Microphone (TPC-660G)
CPU
AMD LX800 500 MHZ
Expansion Slots
1 x CompactFlash® slot
1 x PC/104
Graphics Controller
AMD LX800 (Internal)
Keyboard/Mouse Ports 1 x PS/2
LAN
1 x 10/100Base-T
Memory
256 MB DDR SDRAM (up to 1 GB DDR SDRAM)
Serial Ports
1 x RS-232
1 x RS-232/422/485 (TPC-660G)
1 x Isolated CAN 2.0B interface (TPC-662G, WinCE5.0)
CAN Controller: SJA-1000
CAN Transceiver:82C250
Storage
1 x CompactFlash card (optional)
USB Ports
2 x USB 2.0
Introduction
The TPC-660G/662G models are compact platforms without redundant functions, which have been designed for small-sized operator interface applications. The integration of a
fanless kernel, touchscreen and non-voliate storage makes this machine a reliable solution for industrial environments. The 8-bit PC/104 expansion slot provides a dependable and
convenient way to add-on functions. Common PC/104 cards for a variety of applications can fit in the TPC-660G/662G.
AMD LX800 processor on board
6.4" TFT LCD
Super slim and compact design with plastic housing
Fanless cooling system
NEMA4/IP65 compliant front panel
One CompactFlash® slot
Automatic data flow control RS-485
Supports Windows® XP/CE and WinXPe
CAN-bus 2.0B protocol compatibility (TPC-662G)
TPC-660G/662G
AMD LX800 Touch Panel
Computer with 6.4" VGA
TFT LCD Display
LCD Display
Backlight Life
20,000 hrs
Contrast Ratio
180:1
Display Size
6.4"
Display Type
TFT LCD
Luminance (cd/m2)
150
Max. Colors
262 K
Max. Resolution
640 x 480
Viewing Angle (H/V)
90/50
Touchscreen
Lifespan
10 millions times with a silicone rubber of 8
mm diameter finger
Light Transmission
Above 75%
Resolution
1024 x 1024
Type
4-wire, analog resistive
Environment
Humidity
10 ~ 95% RH @ 40° C, non-condensing
Ingress Protection
Front panel: NEMA4, IP65
Operating Temperature 0 ~ 50° C (32 ~ 122° F)
Storage Temperature -20 ~ 70° C (-4 ~ 158° F)
Vibration Protection
1 Grms (Random, Operating)
NEW
All product specifications are subject to change without notice
Last updated: 28-Aug-2007


Número de pieza similar - TPC-660G-B1E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
TPC-660G-EHKE ADVANTECH-TPC-660G-EHKE Datasheet
709Kb / 2P
   5.7 VGA TFT LCD Geode??LX800 Touch Panel Computer
More results

Descripción similar - TPC-660G-B1E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
TPC-660E ADVANTECH-TPC-660E Datasheet
709Kb / 2P
   5.7 VGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-2140WP ADVANTECH-TPC-2140WP Datasheet
495Kb / 2P
   21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-Core Processor
27-Jun-2018
TPC-1840WP-T3AE ADVANTECH-TPC-1840WP-T3AE Datasheet
425Kb / 2P
   18.5" WXGA TFT LCD Multi-Touch Panel Computer with AMD Dual-core processor
TPC-2140WP-T3AE ADVANTECH-TPC-2140WP-T3AE Datasheet
416Kb / 2P
   21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-core processor
TPC-1840WP ADVANTECH-TPC-1840WP Datasheet
504Kb / 2P
   18.5" WXGA TFT LCD Multi-Touch Panel Computer with AMD Dual-Core Processor
27-Jun-2018
SPC-1840WP-T3AE ADVANTECH-SPC-1840WP-T3AE Datasheet
533Kb / 2P
   18.5" WXGA TFT LED LCD stationary Multi-Touch Panel Computer with AMD dual-core processor
PCM-9375 ADVANTECH-PCM-9375 Datasheet
356Kb / 2P
   3.5" SBC w/ AMD LX800, VGA, LVDS, LCD
logo
Axiomtek Co., Ltd.
GOT3157W-111-PCT AXIOMTEK-GOT3157W-111-PCT_17 Datasheet
463Kb / 2P
   15.6 WXGA TFT Fanless Multi-touch Panel Computer with AMD G-series
logo
National Instruments Co...
TPC-2512 NI-TPC-2512 Datasheet
381Kb / 4P
   12.1 in. SVGA TFT color LCD touch screen/500 MHz AMD LX800 processor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com