Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U1010-QH Datasheet(PDF) 3 Page - Mimix Broadband

No. de pieza U1010-QH
Descripción Electrónicos  17.0-34.0 GHz Up-Converter QFN, 4x4mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MIMIX [Mimix Broadband]
Página de inicio  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

U1010-QH Datasheet(HTML) 3 Page - Mimix Broadband

  U1010-QH Datasheet HTML 1Page - Mimix Broadband U1010-QH Datasheet HTML 2Page - Mimix Broadband U1010-QH Datasheet HTML 3Page - Mimix Broadband U1010-QH Datasheet HTML 4Page - Mimix Broadband U1010-QH Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
Recommended Board Layout
U1010-QH
App Note [1] Biasing - As shown in the Pin Designations table, the device is operated by biasing VD1 and VD2 at 4.0V with 130mA and
approximately 60mA respectively. VG2,3 and VSS require fixed voltage biasing with VSS biased at -4.0V and 45mA. It is recommended to use active
bias on VG1 to keep the current in VD1 constant in order to maintain the best performance over temperature. Depending on the supply voltage
available and the power dissipation constraints, the bias circuit may be a single transistor or a low power operational amplifier, with a low value
resistor in series with the drain supply used to sense the current. The gate of the pHEMT is controlled to maintain correct drain current and thus
drain voltage. The typical gate voltage needed to do this is -0.2V. Make sure to sequence the applied voltage to ensure negative gate bias is
available before applying the positive drain supply.
App Note [2] Board Layout - As shown in the board layout, it is recommended to provide 100pF decoupling caps as close to the bias pins as
possible, with additional 10µF decoupling caps.
17.0-34.0 GHz Up-Converter
QFN, 4x4mm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2010 - Rev 12-Feb-10


Número de pieza similar - U1010-QH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
U10 ETC2-U10 Datasheet
206Kb / 2P
   USB Network Interface ??TP/FT-10 Channel
logo
Amphenol Communications...
U10 AMPHENOLCS-U10 Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
logo
Intronics Power, Inc.
U10-12D12 INTRONICS-U10-12D12 Datasheet
146Kb / 1P
   DC/DC MODULES
U10-12D15 INTRONICS-U10-12D15 Datasheet
146Kb / 1P
   DC/DC MODULES
U10-12D5 INTRONICS-U10-12D5 Datasheet
146Kb / 1P
   DC/DC MODULES
More results

Descripción similar - U1010-QH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
XR1019-QH MIMIX-XR1019-QH Datasheet
958Kb / 8P
   27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
XU1019-QH MIMIX-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter QFN, 4x4mm
XU1014-QH MIMIX-XU1014-QH Datasheet
850Kb / 1P
   8.0-18.0 GHz Up-Converter QFN, 4x4mm
XU1010-QH MIMIX-XU1010-QH Datasheet
847Kb / 1P
   16.0-36.0 GHz Up-Converter QFN, 4x4mm
XX1007-QT MIMIX-XX1007-QT Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
XX1003-QC MIMIX-XX1003-QC Datasheet
171Kb / 5P
   14.0-17.0/28.0-34.0 GHz Active Doubler QFN, 5x5mm
30DBL0537-QC MIMIX-30DBL0537-QC Datasheet
305Kb / 5P
   14.0-17.0/28.0-34.0 GHz Active Doubler QFN, 5x5mm
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XX1007-QT MIMIX-XX1007-QT_10 Datasheet
664Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler
XX1007-BD MIMIX-XX1007-BD_09 Datasheet
382Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com