Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD8F003DQDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD8F003DQDR
Descripción Electrónicos  FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPD8F003DQDR Datasheet(HTML) 4 Page - Texas Instruments

  TPD8F003DQDR Datasheet HTML 1Page - Texas Instruments TPD8F003DQDR Datasheet HTML 2Page - Texas Instruments TPD8F003DQDR Datasheet HTML 3Page - Texas Instruments TPD8F003DQDR Datasheet HTML 4Page - Texas Instruments TPD8F003DQDR Datasheet HTML 5Page - Texas Instruments TPD8F003DQDR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.00E+06
1.00E+07
1.00E+08
1.00E+09
1.00E+10
Frequency (Hz)
TPD8F003
TPD6F003
TPD4F003
TPD8F003
3dB drop/Bias of 0.0V
-3dB = 198MHz
Peak/Freq/Db = 2.57/45 GHz/dB
TPD6F003
3dB drop/Bias of 0.0V
-3dB = 197MHz
Peak/Freq/Db = 2.30/47 GHz/dB
TPD4F003
3dB drop/Bias of 0.0V
-3dB = 197MHz
Peak/Freq/Db = 2.25/45 GHz/dB
-0.001
-0.0008
-0.0006
-0.0004
-0.0002
0
0.0002
0.0004
0.0006
0.0008
0.001
-4
-2
0
2
4
6
8
Voltage (V)
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
1.00E+10
Frequency (Hz)
Adjacent Signal Pair
Farthest Signal Pair
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
1.00E+10
Frequency (Hz)
Adjacent Signal Pair
Farthest Signal Pair
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
1.00E+10
Frequency (Hz)
Adjacent Signal pair
Farthest Signal Pair
TPD4F003, TPD6F003, TPD8F003
SLLS907D – AUGUST 2008 – REVISED JANUARY 2010
www.ti.com
Figure 5. Frequency Response
Figure 6. DC Voltage-Current Sweep Across Input/Output Pins
Channel-to-Channel Crosstalk
Figure 7. TPD4F003
Figure 8. TPD6F003
Figure 9. TPD8F003
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPD4F003 TPD6F003 TPD8F003


Número de pieza similar - TPD8F003DQDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD8F003DQDR TI-TPD8F003DQDR Datasheet
1Mb / 18P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
More results

Descripción similar - TPD8F003DQDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4F003 TI-TPD4F003_1 Datasheet
1Mb / 18P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
logo
ON Semiconductor
EMI7204MU ONSEMI-EMI7204MU Datasheet
187Kb / 7P
   Four-Six-Eight -Channel EMI Filter with Integrated ESD Protection
September, 2010 ??Rev. 0
EMI5204MU ONSEMI-EMI5204MU Datasheet
162Kb / 7P
   Four-Six-Eight-Channel EMI Filter with Integrated ESD Protection
July, 2011 ??Rev. 0
logo
Texas Instruments
TPD4F202 TI-TPD4F202_1 Datasheet
863Kb / 13P
[Old version datasheet]   FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD4F202 TI-TPD4F202 Datasheet
697Kb / 11P
[Old version datasheet]   FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
logo
Shanghai Leiditech Elec...
EM6401M LEIDITECH-EM6401M Datasheet
233Kb / 3P
   SIX LINE EMI FILTER WITH ESD PROTECTION
logo
ON Semiconductor
CM6205 ONSEMI-CM6205 Datasheet
161Kb / 5P
   EMI Filters with ESD Protection for Audio
February, 2011 ??Rev. 0
NUF8010MU ONSEMI-NUF8010MU_09 Datasheet
173Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8410MN ONSEMI-NUF8410MN_09 Datasheet
167Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
logo
Socay Electornics Co., ...
EM2374K SOCAY-EM2374K Datasheet
363Kb / 3P
   4-Channel EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com