Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7SP332WBG Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC7SP332WBG
Descripción Electrónicos  CMOS Digital Integrated Circuit Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SP332WBG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SP332WBG Datasheet HTML 1Page - Toshiba Semiconductor TC7SP332WBG Datasheet HTML 2Page - Toshiba Semiconductor TC7SP332WBG Datasheet HTML 3Page - Toshiba Semiconductor TC7SP332WBG Datasheet HTML 4Page - Toshiba Semiconductor TC7SP332WBG Datasheet HTML 5Page - Toshiba Semiconductor TC7SP332WBG Datasheet HTML 6Page - Toshiba Semiconductor TC7SP332WBG Datasheet HTML 7Page - Toshiba Semiconductor TC7SP332WBG Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC7SP332WBG
2009-01-19
3
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
VCCA
−0.5 to 4.6
Power supply voltage
(Note 2)
VCCB
−0.5 to 4.6
V
DC input voltage
(A, B)
VIN
−0.5 to 4.6
V
−0.5 to 4.6 (Note 3)
DC output voltage
(Y)
VOUTB
−0.5 to VCCB + 0.5 (Note 4)
V
Input diode current
IIK
−25
mA
Output diode current
IOK
±50
(Note 5)
mA
DC output current
IOUTB
±25
mA
ICCA
±25
DC VCC/ground current per supply pin
ICCB
±50
mA
Power dissipation
PD
100
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: Don’t supply a voltage to VCCB pin when VCCA is in the OFF state.
Note 3: Output in OFF state
Note 4: High or Low state. IOUT absolute maximum rating must be observed.
Note 5: VOUT < GND, VOUT > VCC
Operating Ranges (Note 6)
Characteristics
Symbol
Rating
Unit
VCCA
1.1 to 2.7
Power supply voltage
VCCB
1.65 to 3.6
V
Input voltage
(A, B)
VIN
0 to 3.6
V
0 to 3.6
(Note 7)
Output voltage
(Y)
VOUTB
0 to VCCB (Note 8)
V
±12
(Note 9)
±9
(Note 10)
Output current
(Y)
IOUTB
±3
(Note 11)
mA
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 10 (Note 12)
ns/V
Note 6: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 7: Output in OFF state
Note 8: High or Low state
Note 9: VCCB = 3.0 to 3.6 V
Note 10: VCCB = 2.3 to 2.7 V
Note 11: VCCB = 1.65 to 1.95 V
Note 12: VIN = 0.8 to 2.0 V, VCCA = 2.5 V, VCCB = 3.0 V


Número de pieza similar - TC7SP332WBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SP300WBG TOSHIBA-TC7SP300WBG Datasheet
247Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC7SP302WBG TOSHIBA-TC7SP302WBG Datasheet
247Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC7SP3066TU TOSHIBA-TC7SP3066TU Datasheet
186Kb / 10P
   Low Voltage Dual Supply Single Bus Switch (analog)
TC7SP3067TU TOSHIBA-TC7SP3067TU Datasheet
186Kb / 10P
   Low Voltage Dual Supply Single Bus Switch (analog)
TC7SP308WBG TOSHIBA-TC7SP308WBG Datasheet
246Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Descripción similar - TC7SP332WBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com