Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7SP386WBG Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TC7SP386WBG
Descripción Electrónicos  CMOS Digital Integrated Circuit Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SP386WBG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7SP386WBG Datasheet HTML 1Page - Toshiba Semiconductor TC7SP386WBG Datasheet HTML 2Page - Toshiba Semiconductor TC7SP386WBG Datasheet HTML 3Page - Toshiba Semiconductor TC7SP386WBG Datasheet HTML 4Page - Toshiba Semiconductor TC7SP386WBG Datasheet HTML 5Page - Toshiba Semiconductor TC7SP386WBG Datasheet HTML 6Page - Toshiba Semiconductor TC7SP386WBG Datasheet HTML 7Page - Toshiba Semiconductor TC7SP386WBG Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7SP386WBG
2009-01-19
5
AC Characteristics (Ta = −40 to 85°C, Input: tr = tf = 2.0 ns)
VCCA = 2.5 ± 0.2 V, VCCB= 3.3 ± 0.3 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
1.0
6.8
ns
VCCA = 1.8 ± 0.15 V, VCCB = 3.3 ± 0.3 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
1.0
7.8
ns
VCCA = 1.5 ± 0.1 V, VCCB = 3.3 ± 0.3 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
1.0
9.0
ns
VCCA = 1.2 ± 0.1 V, VCCB = 3.3 ± 0.3 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
1.0
31
ns
VCCA = 1.8 ± 0.15 V, VCCB = 2.5 ± 0.2 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
1.0
9.5
ns
VCCA = 1.5 ± 0.1 V, VCCB = 2.5 ± 0.2 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
1.0
10.5
ns
VCCA = 1.2 ± 0.1 V, VCCB = 2.5 ± 0.2 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
1.0
32
ns
VCCA = 1.2 ± 0.1 V, VCCB = 1.8 ± 0.15 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
1.0
37
ns


Número de pieza similar - TC7SP386WBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SP381WBG TOSHIBA-TC7SP381WBG Datasheet
247Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Descripción similar - TC7SP386WBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com