Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC74VHCT9273P Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
TC74VHCT9273P Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 9 page TC74VHCT9273P/FT/FK 2009-07-01 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC74VHCT9273P,TC74VHCT9273FT,TC74VHCT9273FK Octal D-Type Flip Flop with Clear The TC74VHCT9273 is an advanced high speed CMOS OCTAL D-TYPE FLIP FLOP fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. The input voltage are compatible with TTL output voltage. This device may be used as a level converter for interfacing 3.3 V to 5 V system. Information signals applied to D inputs are transferred to the Q outputs on the positive going edge of the clock pulse. When the CLR input is held “L”, the Q outputs are at a low logic level independent of the other inputs. The CLR input and CK input have hysteresis between the positive-going and negative-going thresholds. Thus the TC74VHCT9273 is capable of squaring up transitions of slowly changing input signals and provides an improved noise immunity. It is easy to wire on the board because Input terminals are at the opposite side of Output terminals. An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply voltage. Features • High speed: fmax = 185 MHz (typ.) at VCC = 5 V • Low power dissipation: ICC = 4 μA (max) at Ta = 25°C • Compatible with TTL inputs : VIL = 0.5 V (max) VIH = 2.1 V (min) • Power down protection is provided on all inputs. • Balanced propagation delays: tpLH ∼− tpHL • Function compatible with 74VHC273 • Input terminals are at the opposite side of Output terminals TC74VHCT9273P TC74VHCT9273FT TC74VHCT9273FK Weight DIP20-P-300-2.54A : 1.30 g ( typ.) TSSOP20-P-0044-0.65A : 0.08 g ( typ.) VSSOP20-P-0030-0.50 : 0.03 g ( typ.) |
Número de pieza similar - TC74VHCT9273P |
|
Descripción similar - TC74VHCT9273P |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |