Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF1502 Datasheet(PDF) 1 Page - Compact Technology Corp.

No. de pieza UF1502
Descripción Electrónicos  ULTRA FAST RECTIFIERS (DO-15)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CTC [Compact Technology Corp.]
Página de inicio  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

UF1502 Datasheet(HTML) 1 Page - Compact Technology Corp.

  UF1502 Datasheet HTML 1Page - Compact Technology Corp. UF1502 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES : 1.Measured with IF=0.5A,IR=1A,IRR=0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance Junction to Ambient.
VRMS
VDC
VRRM
I(AV)
IFSM
VF
IR
@TA
=55 C
@TJ=100 C
UF1501 thru UF1507
ULTRA FAST RECTIFIERS
FEATURES
Low cost
Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case : JEDEC DO-41 molded plastic
Polarity : Color band denotes cathode
Weight : 0.015 ounces, 0.34 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
UF
1503
200
140
200
UF
1501
50
35
50
UF
1507
1000
700
1000
UF
1502
100
70
100
UF
1506
800
560
800
UF
1505
600
420
600
UF
1504
400
280
400
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC Method)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 1.5A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ=25 C
1.5
50
1.0
5
100
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 3)
R0JA
25
C/W
CJ
Typical Junction
Capacitance (Note 2)
35
pF
uA
V
A
A
V
UNIT
V
V
All Dimensions in millimeter
Max.
Min.
DO-41
Dim.
A
D
C
B
25.4
7.60
-
5.80
0.70
2.60
3.60
0.90
DO-15
A
C
D
A
B
CHARACTERISTICS
SYMBOL
Maximum Reverse Recovery Time (Note 1)
TRR
1.3
1.7
50
75
20
ns
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.5 Amperes
Compact Technology
CTC0105 Ver. 2.0
1 of 2
UF1501 thru UF1507


Número de pieza similar - UF1502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
UF1502 DIODES-UF1502 Datasheet
62Kb / 2P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. A1-2
logo
Tak Cheong Electronics ...
UF1502 TAK_CHEONG-UF1502 Datasheet
104Kb / 2P
   1.5AMP. Ultrafast Rectifiers竊뉷PP竊
logo
Compact Technology Corp...
UF1502 CTC-UF1502 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS (DO-41)
UF1502 CTC-UF1502 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Diodes Incorporated
UF1502-B DIODES-UF1502-B Datasheet
369Kb / 3P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. 4 - 2
More results

Descripción similar - UF1502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compact Technology Corp...
PR1501 CTC-PR1501_1 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIERS (DO-15)
UF1501 CTC-UF1501_1 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS (DO-41)
SB220 CTC-SB220_1 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS (DO-15)
1N5391 CTC-1N5391 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIERS (DO-15)
PR1501 CTC-PR1501 Datasheet
51Kb / 2P
   FAST RECOVERY RECTIFIERS (DO-41)
logo
WILLAS ELECTRONIC CORP
SR220-01 WILLAS-SR220-01 Datasheet
421Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS DO-15 PACKAGE
logo
Microsemi Corporation
1N6620 MICROSEMI-1N6620 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6626 MICROSEMI-1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
   ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
   ULTRA FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com