Nombre de pieza
         Descripción
HMC280MS8G_05

 GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz ( 6 Page)


HITTITE
100% 
Zoom Out Zoom In
   
 3 page
background image
8
8 - 4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output IP3 vs. Temperature @ 3.6V
Reverse Isolation @ 3.6V
Power Compression @ 5.25 GHz
Output IP3 vs Supply Voltage @ 6.0 GHz
Output IP3 vs. Temperature @ 5.0V
0
5
10
15
20
25
30
-10
-5
0
5
10
15
Output Power (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
20
25
30
35
40
45
50
4.5
5
5.5
6
-40 C
+25 C
+70 C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
4.5
5
5.5
6
FREQUENCY (GHz)
20
25
30
35
40
45
50
4.5
5
5.5
6
-40 C
+25 C
+70 C
FREQUENCY (GHz)
20
25
30
35
40
45
50
2.5
3
3.5
4
4.5
5
5.5
-40 C
+25 C
+70 C
Vdd SUPPLY VOLTAGE (Vdc)
HMC280MS8G / 280MS8GE
GaAs MMIC POWER AMPLIFIER
5.0 - 6.0 GHz
v04.0605
1  2  3  4  5  6 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl