Nombre de pieza
         Descripción
MK2P-I_1

 General Purpose Relay ( 10 Page)


OMRON
100% 
Zoom Out Zoom In
 
 6 page
background image
6
General Purpose Relay
MK
Unit: mm (inch)
Mounting tracks
Note: 1. *This dimension applies to mounting track PFP-50N.
2. A total of twelve 25 x 4.50 mm (0.98 x 0.18 in) elliptic holes is provided with six holes cut from each rail end at a pitch of
10 mm (0.39 in) holes.
PFP-M end plate
Note: Use of Type PFP-M end plate is recommended to secure the socket on the mounting track. Be sure that the engraved arrow
mark on the surface of the end plate faces upward and then tighten the screw firmly with a screwdriver.
PL11-Q
Wire wrap terminals
Printed circuit
board socket
PLE11-0
Back connecting socket
MK3 sockets (11 pin)
PL11 (UL File No. E87929)
Solder terminals
PL11 type sockets and MK3 relay
Total height dimension
Recommended PCB layout
PLE11-0
Mounting holes
PL11
PFP-100N/PFP-50N
(conforming to DIN EN 500022
PFP-100N2
(conforming to DIN EN 500022)
1  2  3  4  5  6  7  8  9  10 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl