Nombre de pieza
         Descripción
HMC282_00

 GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz ( 6 Page)


HITTITE
100% 
Zoom Out Zoom In
   
 3 page
background image
MICROWAVE CORPORATION
1 - 64
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Visit us at www.hittite.com, or Email at sales@hittite.com
1
0
2
4
6
8
10
12
14
16
35
36
37
38
39
40
FREQUENCY (GHz)
+85 C
+25 C
-55 C
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC282
P1dB @ Vdd = +3.5V
GaAs MMIC LOW NOISE
AMPLIFIER, 36 - 40 GHz
v01.0700
Isolation
Output IP3 @ Vdd = +3.5V
-70
-60
-50
-40
-30
-20
-10
0
10
15
20
25
30
35
40
FREQUENCY (GHz)
10
15
20
25
30
35
35
36
37
38
39
40
FREQUENCY (GHz)
+85 C
+25 C
-55 C
1  2  3  4  5  6 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl