Nombre de pieza
         Descripción
HMC283_07

 GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz ( 8 Page)


HITTITE
100% 
Zoom Out Zoom In
   
 3 page
background image
3
3 - 4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output P1dB vs. Temperature
Output Psat vs. Temperature
Power Compression @ 20 GHz
Output IP3 vs. Temperature
Power Compression @ 28 GHz
Power Compression @ 39 GHz
Frequency (GHz)
Temperature
20
28
38
-55 °C
25.6
25.4
28.6
+25 °C
27.5
25.9
27.1
+85 °C
27
24.4
25.7
All levels in dBm
0
4
8
12
16
20
24
-10
-8
-6
-4
-2
0246
8
10
+25 C
-55 C
+85 C
INPUT POWER (dBm)
0
2
4
6
8
10
12
14
16
18
20
22
24
-10
-8
-6
-4
-2
0246
8
10
+25 C
-55 C
+85 C
INPUT POWER (dBm)
15
17
19
21
23
25
16
20
24
28
32
36
40
+25C
-55C
+85C
FREQUENCY (GHz)
0
4
8
12
16
20
24
-10
-8
-6
-4
-2
0246
8
10
+25 C
-55 C
+85 C
INPUT POWER (dBm)
13
15
17
19
21
23
16
20
24
28
32
36
40
+25 C
-55 C
+85 C
FREQUENCY (GHz)
HMC283
v03.1007
GaAs MMIC MEDIUM POWER
AMPLIFIER, 17 - 40 GHz
1  2  3  4  5  6  7  8 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl