Nombre de pieza
         Descripción
HMC283LM1_01

 SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz ( 8 Page)


HITTITE
100% 
Zoom Out Zoom In
   
 6 page
background image
6
6 - 7
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Suggested LM1 PCB Land Pattern Tolerance: ± 0.003” (± 0.08 mm)
Amplifier Application Circuit
Note: Vgg1 and Vgg2 may be connected to a common Vgg feed. For optimal stable operation, it is recommended that
a voltage divider network be employed as shown above with Vgg set to achieve ldd = 300 mA typical.
Recommended Component Values
C1
100 pF
C2
33,000 pF
R1
1,000 Ohm
R2
100 Ohm
HMC283LM1
SMT MEDIUM POWER GaAs MMIC
AMPLIFIER, 17 - 40 GHz
v04.1201
1  2  3  4  5  6  7  8 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl